Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78090 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP78090
Description  Programmable Charge Current Up to 1000mA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78090 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP78090 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Preliminary Datasheet
LP78090
LP78090 – 00
Version 1.0
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 10
Functional Pin Description
P a c k a ge Ty pe
P i n C o n fi gur a ti ons
TDFN-10
Pin Description
PIN No.
PIN
DESCRIPTION
1,3
SYS
Output of power supply for system.
2,5
VIN
Power supply input for system and charge.
4,6
BAT
BAT is the connection to the battery. Typically a 10µF Tantalum capacitor is needed for stability
when there is no battery attached. When a battery is attached, only a 0.1µF ceramic capacitor is
required.
7
CHRG
Open-Drain Charge Status Output. When the battery is charging, the STAT pin is pulled low by
an internal N-channel MOSFET. When the charge cycle is completed, the pin is pulled High.
8
STDBY
Open-Drain Complete Status Output. When the battery is charging, the STAT pin is pulled high
by an internal N-channel MOSFET. When the charge cycle is completed, the pin is pulled Low.
9
ISET
Charge Current Program, Charge Current Monitor and Shutdown Pin. The charge current is
programmed by connecting a 1% resistor(R
PROG)to ground. When charging in constant-current
mode, this pin servos to 2V. In all modes, the voltage on this pin can be used to measure the
charge current using the following formula.LP78090: Iset=1200/RPROG.
10
SC
Smart controller.
11
GND
Ground pin.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com