Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTN6125-R Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTN6125-R
Description  1.0 Bi-Color Single Digit Display
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTN6125-R Datasheet(HTML) 1 Page - Marktech Corporate

  MTN6125-R Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
432
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
1.0" Bi-Color Sing
1.0" Bi-Color Sing
1.0" Bi-Color Sing
1.0" Bi-Color Sing
1.0" Bi-Color Single Digit Displa
le Digit Displa
le Digit Displa
le Digit Displa
le Digit Displayyyyy
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
· 1.0" digit height
· Right hand decimal point
· Grey surface/white epoxy color
1. ALL DIMENSIONS ARE IN mm, TOLERANCE IS ±0.25mm UNLESS OTHERWISE SPECIFIED.
2. THE SLOPE ANGLE OF ANY PIN MAY BE ±5.0° MAX.
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
P
PP
P
PA
A
A
A
ACKA
CKA
CKA
CKA
CKAGE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
PINOUT 1
PIN NO. FUNCTION
1.
ANODE A (GREEN)
2.
ANODE A (HR OR RED)
3.
ANODE F (HR OR RED)
4.
ANODE F (GREEN)
5.
COMMON CATHODE
6.
ANODE E (HR OR RED)
7.
ANODE E (GREEN)
8.
ANODE D (GREEN)
9.
ANODE D (HR OR RED)
10.
ANODE RHDP (GREEN)
11.
ANODE RHDP (HR OR RED)
12.
ANODE C (GREEN)
13.
ANODE C (HR OR RED)
14.
ANODE G (GREEN)
15.
ANODE G (HR OR RED)
16.
ANODE B (GREEN)
17.
ANODE B (HR OR RED)
18.
COMMON CATHODE
PART NO.
EMITTED
COLOR
PEAK
WAVE
LENGTH
(nm)
MAXIMUM RATINGS
OPTO-ELECTRICAL CHARACTERISTICS
PIN-
OUT
IF
(mA)
VR
(V)
PD
(mW)
VF(V)
IR(µA)
IV(µcd)
seg.
typ.
DP
typ.
@mA
max.
@VR
typ. per
seg.
@mA
MTN6125-CRG
(R)
Red
700
30
5
85
4.2
2.1
20
100
5
1200
10
1
(G)
Green
567
30
5
85
4.2
2.1
20
100
5
4600
10
1
MTN6125-CHRG
(HR)
Hi-Eff Red
635
30
5
85
4.2
2.1
20
100
5
5200
10
1
(G)
Green
567
30
5
85
4.2
2.1
20
100
5
4600
10
1
Operating Temperature: -25~+85, Storage Temperature: -25~+100. Other face/epoxy colors are available.


Similar Part No. - MTN6125-R

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTN6123-AHRG MARKTECH-MTN6123-AHRG Datasheet
44Kb / 1P
Marktech 2.30 Single Digit Bi−Color
MTN6123-ARG MARKTECH-MTN6123-ARG Datasheet
44Kb / 1P
Marktech 2.30 Single Digit Bi−Color
MTN6123-CHRG MARKTECH-MTN6123-CHRG Datasheet
44Kb / 1P
Marktech 2.30 Single Digit Bi−Color
MTN6123-CRG MARKTECH-MTN6123-CRG Datasheet
44Kb / 1P
Marktech 2.30 Single Digit Bi−Color
More results

Similar Description - MTN6125-R

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTN6180-CRG MARKTECH-MTN6180-CRG Datasheet
70Kb / 1P
0.8 Bi-Color Single Digit Display?
MTN6118-ARG MARKTECH-MTN6118-ARG Datasheet
74Kb / 1P
1.8 Bi-Color Sing Single le Digit Displa Display
logo
China Semiconductor Cor...
CSS-1014A9 CHINASEMI-CSS-1014A9 Datasheet
190Kb / 6P
1.0 Inch Single Digit Display
CSS-1014B7 CHINASEMI-CSS-1014B7 Datasheet
183Kb / 7P
1.0 Inch Single Digit Display
CSS-1014M9 CHINASEMI-CSS-1014M9 Datasheet
191Kb / 6P
1.0 Inch Single Digit Display
CSS-1014S CHINASEMI-CSS-1014S Datasheet
191Kb / 7P
1.0 Inch Single Digit Display
CSS-1018A9 CHINASEMI-CSS-1018A9 Datasheet
191Kb / 6P
1.0 Inch Single Digit Display
CSS-1018B7 CHINASEMI-CSS-1018B7 Datasheet
186Kb / 6P
1.0 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-1061SR PARALIGHT-A-1061SR Datasheet
193Kb / 10P
1.0 INCH SINGLE DIGIT DISPLAY
C-1021SR PARALIGHT-C-1021SR Datasheet
207Kb / 10P
1.0 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com