Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSM245K-G Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTSM245K-G
Description  Marktech 1210 SMT LEDs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTSM245K-G Datasheet(HTML) 1 Page - Marktech Corporate

  MTSM245K-G Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
372
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
Surf
Surf
Surf
Surf
Surface Mount LED Lamps
ace Mount LED Lamps
ace Mount LED Lamps
ace Mount LED Lamps
ace Mount LED Lamps
• Excellent on/off contrasts
• Wide viewing angle
• Solid state reliability
• Choice of water clear or color clear lens
• Other colors/materials available
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
Note: Ultra bright red has reversed polarity.
PART NO.
FORWARD
CURRENT
(I
F) (mA)
REVERSE
VOLTAGE
(V
R)(V)
POWER
DISSIPATION
(P
D)(mW)
OPERATING
TEMP (T
opr)
(°C)
STORAGE
TEMP (T
stg)
(ºC)
MTSM135K-RG
30
5.0
85
-25~+85
-25~+100
MTSM235K-G
30
5.0
85
-25~+85
-25~+100
MTSM335K-Y
30
5.0
85
-25~+85
-25~+100
MTSM435K-HR
30
5.0
85
-25~+85
-25~+100
MTSM735K-UR
30
4.0
70
-25~+85
-25~+100
MTSM735KA-UR
30
4.0
70
-25~+85
-25~+100
MTSM145K-RG
30
5.0
85
-25~+85
-25~+100
MTSM245K-G
30
5.0
85
-25~+85
-25~+100
MTSM345K-Y
30
5.0
85
-25~+85
-25~+100
MTSM445K-O
30
5.0
85
-25~+85
-25~+100
MTSM445K-HR
30
5.0
85
-25~+85
-25~+100
MTSM745K-UR
30
4.0
70
-25~+85
-25~+100
MTSM745KA-UR
30
4.0
70
-25~+85
-25~+100
PART NO.
MATER IAL
LE N S
COLOR
VIEW IN G
AN GLE
typ.
LU MIN OU S IN TEN SITY
(mcd )
FOR WAR D VOLTAGE
(V)
RE VE RSE
CU RR EN T
PE AK WAV E
LE N GTH
min.
typ.
@mA
typ.
max.
@mA
µA
Vr
nm
MTSM135K -RG
GaP/GaP
Water C lear
120°
2.2
3.7
20
2.1
3.0
20
100
5
700
MTSM235K -G
GaP/GaP
Water C lear
120°
7.4
18.8
20
2.1
3.0
20
100
5
567
MTSM335K -Y
GaAsP/GaP
Water C lear
120°
6.2
15.6
20
2.1
3.0
20
100
5
585
MTSM435K -HR
GaAsP/GaP
Water C lear
120°
8.2
20.6
20
2.1
3.0
20
100
5
635
MTSM735K -UR
GaAlA s/GaAs
Water C lear
120°
112
140
20
1.9
2.5
20
100
4
660
MTSM735K A-UR
GaAlA s
Water C lear
120°
228
285
20
1.9
2.5
20
100
4
660
MTSM145K -RG
GaP/GaP
Red C lear
120°
2.2
3.7
20
2.1
3.0
20
100
5
700
MTSM245K -G
GaP/GaP
Green C lear
120°
7.4
18.8
20
2.1
3.0
20
100
5
567
MTSM345K -Y
GaAsP/GaA s
Yellow C lear
120°
6.2
15.6
20
2.1
3.0
20
100
5
585
MTSM445K -O
GaAsP/GaA s
Orange C lear
120°
8.2
20.6
20
2.1
3.0
20
100
5
635
MTSM445K -HR
GaAsP/GaA s
Red C lear
120°
8.2
20.6
20
2.1
3.0
20
100
5
635
MTSM745K -UR
GaAlA s/GaAs
Red C lear
120°
112
140
20
1.9
2.5
20
100
4
660
MTSM745K A-UR
GaAlA s
Red C lear
120°
228
285
20
1.9
2.5
20
100
4
660
Pad Layout
NOTES:
1. All dimensions are in mm.
2. Tolerance is ±0.25mm unless otherwise noted.
3. An epoxy meniscus may extend about 1.0mm down the leads.
4. Burr around bottom of epoxy body may be 0.5mm MAX.


Similar Part No. - MTSM245K-G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTSM2432-UG MARKTECH-MTSM2432-UG Datasheet
344Kb / 4P
3.2x2.4mm SMD CHIP LED LAMP
MTSM2432-UO MARKTECH-MTSM2432-UO Datasheet
285Kb / 4P
3.2x2.4mm SMD CHIP LED LAMP
More results

Similar Description - MTSM245K-G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1133-RG MARKTECH-MT1133-RG Datasheet
38Kb / 1P
Marktech Standard 10mm LEDs
MT1152-RG MARKTECH-MT1152-RG Datasheet
31Kb / 1P
Marktech Rectangular 2x5mm LEDs
MTSM2142A-UR MARKTECH-MTSM2142A-UR Datasheet
32Kb / 2P
Marktech Domed Lens SMT LEDs
MTSM3015-HR MARKTECH-MTSM3015-HR Datasheet
41Kb / 1P
Marktech SOT??3 SMT LEDs
MTSM3302AG-UY MARKTECH-MTSM3302AG-UY Datasheet
33Kb / 1P
Marktech Gull Wing SMT LEDs
MTSM635KM-URUG MARKTECH-MTSM635KM-URUG Datasheet
32Kb / 1P
Marktech 1210 Bi?묬olor SMT LEDs
MT305-SLG MARKTECH-MT305-SLG Datasheet
33Kb / 2P
Marktech Low Current 5mm LEDs
MTSM5100LB-UA MARKTECH-MTSM5100LB-UA Datasheet
69Kb / 2P
Marktech 1206 SMT LEDs
MTSM7100LB-AR MARKTECH-MTSM7100LB-AR Datasheet
71Kb / 2P
Marktech 0805 SMT LEDs
MTSM9100LB-AR MARKTECH-MTSM9100LB-AR Datasheet
64Kb / 2P
Marktech 0603 SMT LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com