Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSM4030-RGB Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTSM4030-RGB
Description  Surface Mount LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTSM4030-RGB Datasheet(HTML) 1 Page - Marktech Corporate

  MTSM4030-RGB Datasheet HTML 1Page - Marktech Corporate MTSM4030-RGB Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
MAX.
MAX.
MAX.
MAX.
MAX. RA
RA
RA
RA
RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
MTSM4030-RGB
• Single or Full Color Operation
• GaAsP Red and GaN Blue & Green
• Water Clear Epoxy
• Small Package Size 3.6(L) x 2.7(W) x 1.9(H)
CHARACTERISTIC
SYMBOL
RATING
UNIT
RED
GREEN
BLUE
Power Dissapation
P
D
70
100
100
mW
Forward Current
I
F
25
25
25
mA
Peak Forward Current
IFP
80
80
80
mA
Reverse Voltage
V
R
55
5
V
Operating Temperature
T
opr
-25~80
°C
Storage Temperature
T
stg
-30~85
°C
Infrared Soldering Condition
—
260ºC for 5 seconds
Vapor Phase Soldering Condition
—
215ºC for 3 minutes
CHARACTERISTIC
SYMBOL
TEST
CONDITION
RED
GREEN
BLUE
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
Forward Voltage
V
F
IF = 20mA
—
2.0
2.8
—
3.5
4.0
—
3.5
4.0
V
Reverse Current
I
R
VR = 5V
—
—
100
—
—
50
—
—
50
µA
Pak Emission Wavelength
λ
p
IF = 20mA
—
655
—
—
525
—
—
475
—
nm
Dominant Wavelength
λ
d
IF = 20mA
—
637
—
—
530
—
—
470
—
nm
Viewing Angle
2
θ½
IF = 20mA
—
110
—
—
110
—
—
110
—
Deg
Luminous Intensity
I
V
IF = 20mA
250
350
—
650
750
—
200
280
—
mcd
Surf
Surf
Surf
Surf
Surface Mount LED
ace Mount LED
ace Mount LED
ace Mount LED
ace Mount LED


Similar Part No. - MTSM4030-RGB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTSM4015-Y MARKTECH-MTSM4015-Y Datasheet
41Kb / 1P
Marktech SOT??3 SMT LEDs
MTSM405UV-D5045 MARKTECH-MTSM405UV-D5045 Datasheet
3Mb / 9P
Super high power output
MTSM405UV-D5120 MARKTECH-MTSM405UV-D5120 Datasheet
3Mb / 9P
Super high power output
MTSM405UV-F5110 MARKTECH-MTSM405UV-F5110 Datasheet
3Mb / 9P
Ultraviolet Emitter
More results

Similar Description - MTSM4030-RGB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLGE1005B MARKTECH-TLGE1005B Datasheet
81Kb / 3P
Surface Mount LED
TLPGE1005B MARKTECH-TLPGE1005B Datasheet
80Kb / 3P
Surface Mount LED
logo
Dialight Corporation
597-3XX1-1XX DIALIGHT-597-3XX1-1XX Datasheet
21Kb / 1P
Surface Mount LED
597-3XX1-2XX DIALIGHT-597-3XX1-2XX Datasheet
28Kb / 2P
Surface Mount LED
logo
Seoul Semiconductor
AWT801-S SEOUL-AWT801-S Datasheet
651Kb / 16P
surface-mount LED
CFT732-S SEOUL-CFT732-S Datasheet
924Kb / 22P
surface-mount LED
MWT801-S SEOUL-MWT801-S Datasheet
318Kb / 13P
surface-mount LED
logo
Visual Communications C...
SMD22 VCC-SMD22 Datasheet
23Kb / 1P
SURFACE MOUNT LED MOUNT
logo
DOMINANT Semiconductors
DDX-GJS-I2 DOMINANT-DDX-GJS-I2 Datasheet
988Kb / 13P
Surface mount LED
DDX-GRS-I1 DOMINANT-DDX-GRS-I1 Datasheet
912Kb / 12P
Surface mount LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com