Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP500SQL18T1G Datasheet(PDF) 16 Page - ON Semiconductor

Part # NCP500SQL18T1G
Description  150 mA CMOS Low Noise Low-Dropout Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP500SQL18T1G Datasheet(HTML) 16 Page - ON Semiconductor

Back Button NCP500SQL18T1G Datasheet HTML 10Page - ON Semiconductor NCP500SQL18T1G Datasheet HTML 11Page - ON Semiconductor NCP500SQL18T1G Datasheet HTML 12Page - ON Semiconductor NCP500SQL18T1G Datasheet HTML 13Page - ON Semiconductor NCP500SQL18T1G Datasheet HTML 14Page - ON Semiconductor NCP500SQL18T1G Datasheet HTML 15Page - ON Semiconductor NCP500SQL18T1G Datasheet HTML 16Page - ON Semiconductor NCP500SQL18T1G Datasheet HTML 17Page - ON Semiconductor NCP500SQL18T1G Datasheet HTML 18Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
NCP500, NCV500
www.onsemi.com
16
ORDERING INFORMATION
Device
Nominal
Output Voltage
Marking
Package
Shipping†
NCP500SN18T1G
1.8
LCS
TSOP−5
(Pb−Free)
3000 Units/
7
″ Tape & Reel
NCP500SN185T1G
1.85
LFL
NCP500SN25T1G
2.5
LCT
NCP500SN26T1G
2.6
LFM
NCP500SN27T1G
2.7
LCU
NCP500SN28T1G
2.8
LCV
NCP500SN30T1G
3.0
LCW
NCP500SN30T2G
3.0
LCW
NCP500SN33T1G
3.3
LCX
NCP500SN50T1G
5.0
LCY
NCV500SN185T1G*
1.85
LFL
NCV500SN18T1G*
1.8
LCS
NCV500SN28T1G*
2.8
LCV
NCV500SN33T1G*
3.3
LCX
NCP500SQL18T1G
1.8
LD
DFN6 2x2.2
(Pb−Free)
3000 Units/
7
″ Tape & Reel
NCP500SQL25T1G
2.5
LE
NCP500SQL27T1G
2.7
LF
NCP500SQL28T1G
2.8
LG
NCP500SQL30T1G
3.0
LH
NCP500SQL33T1G
3.3
LJ
NCP500SQL50T1G
5.0
LK
For availability of other output voltages, please contact your local ON Semiconductor Sales Representative.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com