Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT312 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # FMMT312
Description  2-PACK MOSFET MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

FMMT312 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  FMMT312 Datasheet HTML 1Page - KEC(Korea Electronics) FMMT312 Datasheet HTML 2Page - KEC(Korea Electronics) FMMT312 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2014. 1. 09
3/3
FMMT312
Revision No : 0
VDS [V]
VDS [V]
200
100
10,000
1,000
100
10
1
0
0
300
400
0
0.1
1
10
100
1,000
0.5
1
1.5
2
2.5
Fig 2. Saturation Voltage Characteristics
Fig 5. Safe Operation Area
6
4
2
0
8
10
0
50
75
100
125
150
Fig 4.RDS(ON) Characteristics
ID = 400A
OPERATION IN THIS AREA
LIMITED BY RDS(ON)
100us
1ms
10ms
Tc = 25℃
Tj = 125℃
Single Pulse
DC
Common Source
VGS = 10V
Common Source
VGS = 10V
200
VF [V]
VDS [V]
100
0
300
400
0
0.5
1
1.5
2
Fig 3. Forward Characteristics of Inverse Diode
Tc = 125℃
Tc = 25℃
Tc = 25℃
Tc = 125℃
VDS [V]
Fig 1. Saturation Voltage Characteristics
200
100
0
300
400
0
0.5
1
1.5
2
Common Source
Tc = 25℃
VGS = 15V
VGS = 10V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com