Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3U40ST Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # SD3U40ST
Description  Surface Mount High Current Density Schottky
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SD3U40ST Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  SD3U40ST Datasheet HTML 1Page - Bruckewell Technology LTD SD3U40ST Datasheet HTML 2Page - Bruckewell Technology LTD SD3U40ST Datasheet HTML 3Page - Bruckewell Technology LTD SD3U40ST Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SD3U40ST
Publication Order Number: SD3U40ST
©Bruckewell Technology Corporation Rev. A -2014
Product profile
Surface Mount High Current Density Schottky
General description
Rectifiers 3.0 Amp 40V
Features
Guarding protection
Low forward voltage
Reverse energy tested
High current capability
Extremely low thermal resistance
Mechanical data
Case:
SOD-123 Molded plastic
Epoxy: UL94V-O rate flame retardant
Lead: Lead Formed for Surface Mount
Polarity: Color band denotes cathode end
Mounting position: Any
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
SD3U40ST
Unit
Maximum repetitive peak reverse voltage
VRRM
40
V
RMS Voltage (Max.)
VRMS
28
V
Working peak reverse voltage
VRWM
40
V
Maximum average forward rectified current
IF(AV)
3.0
A
Peak forward surge current
IFSM
50
A
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
1pulse/4S t=500us exponent wave
180
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
THERMAL CHARACTERISTICS
Parameter
Symbol
Value
Unit
Typical thermal resistance
RθJA
42
°C/W
Notes:
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width ≤ 40 ms


Similar Part No. - SD3U40ST

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SD3U60ST BWTECH-SD3U60ST Datasheet
166Kb / 4P
Low forward voltage
More results

Similar Description - SD3U40ST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B230LA VISHAY-B230LA Datasheet
58Kb / 2P
High-Current Density Surface Mount Schottky Rectifier
15-Dec-03
logo
Shenzhen Taychipst Elec...
SSA23L TAYCHIPST-SSA23L Datasheet
9Mb / 2P
High-Current Density Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SS2P3-M3 VISHAY-SS2P3-M3 Datasheet
87Kb / 4P
High Current Density Surface Mount High Current Density Surface Mount
02-Aug-13
B230LA VISHAY-B230LA_15 Datasheet
78Kb / 5P
High Current Density Surface Mount Schottky Rectifier
14-Jan-14
SSC53L VISHAY-SSC53L_15 Datasheet
90Kb / 4P
High Current Density Surface Mount Schottky Rectifier
28-Apr-14
SS3P4 VISHAY-SS3P4_15 Datasheet
85Kb / 4P
High Current Density Surface Mount Schottky Rectifiers
08-Oct-13
SS10PH45 VISHAY-SS10PH45_15 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Rectifier
01-Dec-14
logo
Bruckewell Technology L...
SB510UL BWTECH-SB510UL Datasheet
109Kb / 4P
Surface Mount High Current Density Schottky
SD1U40ST BWTECH-SD1U40ST Datasheet
165Kb / 4P
Surface Mount High Current Density Schottky
SD1U60ST BWTECH-SD1U60ST Datasheet
165Kb / 4P
Surface Mount High Current Density Schottky
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com