Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4PC40FDPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRG4PC40FDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC40FDPBF Datasheet(HTML) 2 Page - International Rectifier

  IRG4PC40FDPBF Datasheet HTML 1Page - International Rectifier IRG4PC40FDPBF Datasheet HTML 2Page - International Rectifier IRG4PC40FDPBF Datasheet HTML 3Page - International Rectifier IRG4PC40FDPBF Datasheet HTML 4Page - International Rectifier IRG4PC40FDPBF Datasheet HTML 5Page - International Rectifier IRG4PC40FDPBF Datasheet HTML 6Page - International Rectifier IRG4PC40FDPBF Datasheet HTML 7Page - International Rectifier IRG4PC40FDPBF Datasheet HTML 8Page - International Rectifier IRG4PC40FDPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRG4PC40FDPbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
---- 100 150
IC = 27A
Qge
Gate - Emitter Charge (turn-on)
----
15
23
nC
VCC = 400V
See Fig. 8
Qgc
Gate - Collector Charge (turn-on)
----
35
53
VGE = 15V
td(on)
Turn-On Delay Time
----
63
----
TJ = 25°C
tr
Rise Time
----
32
----
ns
IC = 27A, VCC = 480V
td(off)
Turn-Off Delay Time
---- 230 350
VGE = 15V, RG = 10Ω
tf
Fall Time
---- 170 250
Energy losses include "tail" and
Eon
Turn-On Switching Loss
---- 0.95 ----
diode reverse recovery.
Eoff
Turn-Off Switching Loss
---- 2.01 ----
mJ
See Fig. 9, 10, 11, 18
Ets
Total Switching Loss
---- 2.96 4.0
td(on)
Turn-On Delay Time
----
63
----
TJ = 150°C,
See Fig. 9, 10, 11, 18
tr
Rise Time
----
33
----
ns
IC = 27A, VCC = 480V
td(off)
Turn-Off Delay Time
---- 350 ----
VGE = 15V, RG = 10Ω
tf
Fall Time
---- 310 ----
Energy losses include "tail" and
Ets
Total Switching Loss
----
4.7
----
mJ
diode reverse recovery.
LE
Internal Emitter Inductance
----
13
----
nH
Measured 5mm from package
Cies
Input Capacitance
---- 2200 ----
VGE = 0V
Coes
Output Capacitance
---- 140 ----
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
----
29
----
ƒ = 1.0MHz
trr
Diode Reverse Recovery Time
----
42
60
ns
TJ = 25°C See Fig.
----
74
120
TJ = 125°C
14
IF = 15A
Irr
Diode Peak Reverse Recovery Current
----
4.0
6.0
A
TJ = 25°C See Fig.
----
6.5
10
TJ = 125°C
15
VR = 200V
Qrr
Diode Reverse Recovery Charge
----
80
180
nC
TJ = 25°C See Fig.
---- 220 600
TJ = 125°C
16
di/dt 200A/µs
di(rec)M/dt
Diode Peak Rate of Fall of Recovery
---- 188 ----
A/µs TJ = 25°C See Fig.
During tb
---- 160 ----
TJ = 125°C
17
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltageƒ 600
----
----
V
VGE = 0V, IC = 250µA
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage ---- 0.70 ----
V/°C VGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
---- 1.50 1.7
IC = 27A
VGE = 15V
---- 1.85 ----
V
IC = 49A
See Fig. 2, 5
---- 1.56 ----
IC = 27A, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
----
6.0
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage ----
-12
---- mV/°C VCE = VGE, IC = 250µA
gfe
Forward Transconductance „
9.2
12
----
S
VCE = 100V, IC = 27A
ICES
Zero Gate Voltage Collector Current
----
----
250
µA
VGE = 0V, VCE = 600V
----
---- 3500
VGE = 0V, VCE = 600V, TJ = 150°C
VFM
Diode Forward Voltage Drop
----
1.3
1.7
V
IC = 15A
See Fig. 13
----
1.2
1.6
IC = 15A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
----
---- ±100 nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com