Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF240 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # ADF240
Description  Protections: Short Circuit / Overload / Over Voltage / Over Temperature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ADF240 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  ADF240 Datasheet HTML 1Page - Arch Electronics Corp. ADF240 Datasheet HTML 2Page - Arch Electronics Corp. ADF240 Datasheet HTML 3Page - Arch Electronics Corp. ADF240 Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VER : A_3
update : 2015.05.22
AC-DC Din Rail Power Supply
ADF240
240 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
DERATING
NOTE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and +25°C of ambient temperature.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
3. Derating may be needed under low input voltage. Please check the derating curve for more details.
4. After 30 minutes of burn-in
5. That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
4. Please refer to our PDF file "AC-DC Application" on our website: www.archcorp.com.tw
BLOCK DIAGRAM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com