Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4PC60FPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRG4PC60FPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC60FPBF Datasheet(HTML) 7 Page - International Rectifier

  IRG4PC60FPBF Datasheet HTML 1Page - International Rectifier IRG4PC60FPBF Datasheet HTML 2Page - International Rectifier IRG4PC60FPBF Datasheet HTML 3Page - International Rectifier IRG4PC60FPBF Datasheet HTML 4Page - International Rectifier IRG4PC60FPBF Datasheet HTML 5Page - International Rectifier IRG4PC60FPBF Datasheet HTML 6Page - International Rectifier IRG4PC60FPBF Datasheet HTML 7Page - International Rectifier IRG4PC60FPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRG4PC60FPbF
www.irf.com
7
480V
4 X IC@25°C
D.U.T.
50V
L
V *
C
c
d
* Driver same type as D.U.T.; Vc = 80% of Vce(max)
* Note: Due to the 50V power supply, pulse width and inductor
will increase to obtain rated Id.
1000V
Fig. 13a - Clamped Inductive
Load Test Circuit
Fig. 13b - Pulsed Collector
Current Test Circuit
480µF
960V
0 - 480V
RL =
t=5µs
d(on)
t
tf
tr
90%
td(off)
10%
90%
10%
5%
VC
IC
Eon
Eoff
ts
on
off
E = (E +E )
c
d
e
Fig. 14b - Switching Loss
Waveforms
50V
Driver*
1000V
D.U.T.
IC
C
V
™Ã
d
e
L
Fig. 14a - Switching Loss
Test Circuit
* Driver same type
as D.U.T., VC = 480V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com