Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG508AC/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DG508AC/D
Description  Monolithic CMOS Analog Multiplexers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG508AC/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  DG508AC/D Datasheet HTML 1Page - Maxim Integrated Products DG508AC/D Datasheet HTML 2Page - Maxim Integrated Products DG508AC/D Datasheet HTML 3Page - Maxim Integrated Products DG508AC/D Datasheet HTML 4Page - Maxim Integrated Products DG508AC/D Datasheet HTML 5Page - Maxim Integrated Products DG508AC/D Datasheet HTML 6Page - Maxim Integrated Products DG508AC/D Datasheet HTML 7Page - Maxim Integrated Products DG508AC/D Datasheet HTML 8Page - Maxim Integrated Products DG508AC/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Monolithic CMOS Analog Multiplexers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, V- = -15V, GND = OV, TA = +25°C, unless otherwise noted.)
DG508AA
DG509AA
DG508AD/E/B/C
DG509AD/E/B/C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
LOGIC INPUT
VA = 24V
-10
-0.002
10
-0.002
Logic Input Current, Input
Voltage High
IAH
VA = 15V
0.006
10
0.006
10
µA
VEN = 2.4V
-10
-0.002
10
-0.002
Logic Input Current, Input
Voltage Low
IAL
All VA =
0V
VEN = 0V
-10
-0.002
-10
-0.002
µA
DYNAMIC
Multiplexer Switching Timettransition
Figure 1
0.6
1. 0
0.6
1. 0
µs
Break-Before-Make
Interval
tOPEN
Figure 3
0.2
0.2
µs
Enable Turn-On Time
tON(EN)
Figure 2
0.4
1.0
0.4
1.5
µs
Enable Turn-Off Time
tOFF(EN)
Figure 2
0.2
0.7
0.2
1.0
µs
Off-Isolation
OIRR
VEN = 0V, RL = 1k
Ω, CL = l5pF,
VS = 7VRMS f = 500kHz (Note 3)
68
68
dB
Source Off-Capacitance
CS(OFF)
VS = 0V, VEN = 0V, f = 140kHz
5
5
pF
IDG508A
25
25
Drain Off-
Capacitance DGS09A
CD(OFF)
VS = 0V, VEN = 0V, f = 140kHz
12
12
pF
SUPPLY
Positive Supply Current
I+
VEN = 2.4V, all VA = 0V or 2.4V
0.02
0.2
0.02
0.2
mA
Negative Supply Current
I-
VEN = 2.4V, all VA = 0V or 2.4V
-0.1
-0.01
-0.1
-0.01
mA
Positive Supply Current in
Standby
I+
VEN = 0V, all VA = 0V or 2.4V
0.02
0.2
0.02
0.2
mA
Negative Supply Current
in Standby
I-
VEN = 0V, all VA = 0V or 2.4V
-0.1
-0.01
-0.1
-0.01
mA
Power-Supply Range for
Continuous Operation
V-, V+
(Notes 4, 5)
±4.5
±18.0
±4.5
±18.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com