Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7650CPD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # ICL7650CPD
Description  Chopper-Stabilized Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7650CPD Datasheet(HTML) 2 Page - Maxim Integrated Products

  ICL7650CPD Datasheet HTML 1Page - Maxim Integrated Products ICL7650CPD Datasheet HTML 2Page - Maxim Integrated Products ICL7650CPD Datasheet HTML 3Page - Maxim Integrated Products ICL7650CPD Datasheet HTML 4Page - Maxim Integrated Products ICL7650CPD Datasheet HTML 5Page - Maxim Integrated Products ICL7650CPD Datasheet HTML 6Page - Maxim Integrated Products ICL7650CPD Datasheet HTML 7Page - Maxim Integrated Products ICL7650CPD Datasheet HTML 8Page - Maxim Integrated Products ICL7650CPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Chopper-Stabilized Op Amps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—ICL7650B/ICL7653B
(Circuit of Figure 1, V+ = +5V, V- = -5V, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Total Supply Voltage (V+ to V-)..............................................18V
Input Voltage ........................................(V+ + 0.3V) to (V- - 0.3V)
Voltage on Oscillator Control Pins
(except EXT/CLOCK IN).............................................V+ to V-
Voltage on EXT/CLOCK IN ..................(V+ + 0.3V) to (V+ - 6.0V)
Duration of Output Short Circuit ....................................Indefinite
Current into Any Pin ............................................................10mA
Current into Any Pin while Operating (Note 1)...................100µA
Continuous Total Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.88mW/°C above +70°C)...............471mW
8-Pin PDIP (derate 6.9mW/°C above +70°C)...............552mW
8-Pin CERDIP (derate 8.0mW/°C above +70°C).........640mW
8-Pin TO-99 (derate 6.7mW/°C above +70°C)............533mW
14-Pin SO (derate 8.3mW/°C above +70°C)...............667mW
14-Pin PDIP (derate 10.0mW/°C above +70°C)..........800mW
14-Pin CERDIP (derate 9.1mW/°C above +70°C).......727mW
Operating Temperature Ranges
ICL765_C_ _/ICL755_BC_ _ ...............................0°C to +70°C
ICL765_I_ _/ICL755_BI_ _................................-20°C to +85°C
ICL765_M_ _/ICL755_BM_ _..........................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
CL = 50pF, RL = 10k
Ω
f = 10Hz
RS = 100
Ω, f = 0 to 10Hz
V+ to V- = ±3V to ±8V
CMVR = -5V to +1.6V
RL = 100k
Ω
RL = 10k
Ω
RL = 10k
Ω
Doubles every 10°
-20°C < TA < +85°C
TA = +25°C
-55°C < TA < +85°C
-55°C < TA < +125°C
TA = +25°C
TA = +25°C
CONDITIONS
µs
0.2
tr
Rise Time
V/µs
2.5
SR
Slew Rate
MHz
2.0
GBW
Unity-Gain Bandwidth
pA/
√Hz
0.01
In
Input Noise Current
µVp-p
2
enp-p
Input Noise Voltage
dB
120
130
PSRR
Power-Supply Rejection Ratio
dB
120
130
CMRR
Common-Mode Rejection Ratio
V
-5.0 -5.2 to +2.0
1.6
CMVR
Common-Mode Voltage Range
±4.95
V
±4.7
±4.85
VOUT
Output Voltage Swing (Note 3)
V/V
1
· 105
5
· 108
AVOL
Large-Signal Voltage Gain
Ω
1012
RIN
Input Resistance
pA
0.5
IOS
Input Offset Current (Note 2)
100
35
pA
1.5
10
IBIAS
Input Bias Current
0.01
0.05
µV
±0.7
±5
VOS
Input Offset Voltage
±10
5.0
µV/°C
50
∆VOS
∆T
Average Temperature Coefficient
of Input Offset Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Note 1: Maxim recommends limiting the input current to 100µA to avoid latchup problems. A value of 1mA is typically safe; however,
this is not guaranteed.
TA = +25°C
0°C < TA < +70°C
-20°C < TA < +85°C
%
20
Overshoot
V
4.5
16
V+ to V-
Operating Supply Range
No load
mA
2.0
3.5
ISUPP
Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com