Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7665AC/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # ICL7665AC/D
Description  Microprocessor Voltage Monitor with
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7665AC/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button ICL7665AC/D Datasheet HTML 4Page - Maxim Integrated Products ICL7665AC/D Datasheet HTML 5Page - Maxim Integrated Products ICL7665AC/D Datasheet HTML 6Page - Maxim Integrated Products ICL7665AC/D Datasheet HTML 7Page - Maxim Integrated Products ICL7665AC/D Datasheet HTML 8Page - Maxim Integrated Products ICL7665AC/D Datasheet HTML 9Page - Maxim Integrated Products ICL7665AC/D Datasheet HTML 10Page - Maxim Integrated Products ICL7665AC/D Datasheet HTML 11Page - Maxim Integrated Products ICL7665AC/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
_______________________SCR Latchup
Like all junction-isolated CMOS circuits, the ICL7665 has
an inherent four-layer or SCR structure that can be
triggered into destructive latchup under certain con-
ditions. Avoid destructive latchup by following these
precautions:
1) If either VSET terminal can be driven to a voltage
greater than V+ or less than ground, limit the input
current to 500
µA maximum. Usually, an input volt-
age divider resistance can be chosen to ensure
the input current remains below 500
µA, even
when the input voltage is applied before the
ICL7665 V+ supply is connected.
2) Limit the rate-of-rise of V+ by using a bypass
capacitor near the ICL7665. Rate-of-rise SCRs
rarely occur unless: a) the battery has a low
impedance—as is the case with NiCd and lead
acid batteries; b) the battery is connected directly
to the ICL7665 or is switched on via a mechanical
switch with low resistance; or c) there is little or no
input filter capacitance near the ICL7665. In line-
powered systems, the rate-of-rise is usually limited
by other factors and will not cause a rate-of-rise
SCR action under normal circumstances.
3) Limit the maximum supply voltage (including tran-
sient spikes) to 18V. Likewise, limit the maximum volt-
age on OUT1 and OUT2 to +18V and the maxi-
mum voltage on HYST1 and HYST2 to 18V below V+.
Microprocessor Voltage Monitor with
Dual Over/Undervoltage Detection
PART
TEMP. RANGE
PIN-PACKAGE
ICL7665AC/D
0°C to +70°C
Dice*
ICL7665EPA
-40°C to +85°C
8 Plastic DIP
ICL7665AEPA
-40°C to +85°C
8 Plastic DIP
ICL7665ESA
-40°C to +85°C
8 SO
ICL7665AESA
-40°C to +85°C
8 SO
___________________Chip Topography
_Ordering Information (continued)
ICL7665IPA
-20°C to +85°C
8 Plastic DIP
ICL7665IJA
-20°C to +85°C
8 CERDIP
*Contact factory for dice specifications.
OUT2
V+
HYST1
0.066"
(1.42mm)
0.084"
(1.63mm)
SET1
V-
SET2
HYST2
OUT1
ICL7665CTV
0°C to +70°C
8 TO-99
ICL7665ACTV
0°C to +70°C
8 TO-99
ICL7665BCTV
0°C to +70°C
8 TO-99
TRANSISTOR COUNT: 38
SUBSTRATE CONNECTED TO V+.
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1997 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com