Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # CF
Description  Economically priced for commercial and industrial applications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CF Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  CF Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RATING AND AVAILABILITY
Type
CF12
CF25S
CF25
CF50S
CF50
CF100S
CF100
CF200S
CF200
Power rating @ 70
oC
0.125W
0.25W
0.25W
0.5W
0.25W
1W
1W
2W
2W
Max working voltage
150V
200V
250V
300V
280V
400V
450V
500V
500V
Max overload voltage
300V
400V
500V
500V
500V
800V
1000V
1000V
1000V
Dielectric withsanding voltage
300V
400V
500V
500V
500V
800V
1000V
1000V
1000V
DIMENSIONS
BODY
LEADWIRE
TYPE
(L)
(D)
(H)
(d±0.03)
CF12
3.3 ±0.3
1.8 ±0.3
29±2
0.45
CF25S
3.3 ±0.3
1.8 ±0.3
29±2
0.45
CF25
6.3 ±0.5
2.3 ±0.3
28±2
0.55
CF50S
6.3 ±0.5
2.3 ±0.3
28±2
0.55
CF50
9.0 ±0.5
3.2 ±0.5
26±2
0.65
CF100S
9.0 ±0.5
3.2 ±0.5
26±2
0.65
CF100
11.5 ±1.0
4.5 ±0.5
35±2
0.78
CF200S
11.5 ±1.0
4.5 ±0.5
35±2
0.78
CF200
15.5 ±1.0
5.0 ±0.5
32±2
0.78
Rev. 7
FEATURES
Economically priced for commercial and industrial applications
Wide selection of power ratings and resistance values
EIA color coding
Resistance to industrial solvent
Standard tape & reel package
PART NUMBERING SYSTEMS
CF
25
103
J
TR
Meritek Series
Power Rating
CODE
12
25
50
100
200
0.125W
0.25W
0.5W
1W
2W
Resistance
First 2 digits are significant
3
rd digit is multiplier
“R” indicates decimal for values below 10 ohm
Tolerance
Code
G
J
K
±2%
±5%
±10%
Tape & Reel
REQUIREMENT
PERFORMANCE
Operating Temp Range
-55 to 155
oC (derated at 70oC/see chart)
ppm/
oC
CF100S and <1W
≥1W
Under 100KΩ
±350ppm
+350ppm~-500ppm
100KΩ - 1MΩ
0~-500ppm
0~-700ppm
Temperature
Cpefficient
(ppm/
oC)
1MΩ - 4M7Ω
0~-1000ppm
0~-1500ppm
uV/V
0.125W
0.25W and over
0.1
1 ohm-10K ohm
0.3
1 ohm-10K ohm
11K ohm-91K ohm
0.5
11K ohm-91K ohm
100K ohm-1M ohm
Noise(uV/V)
1.0
100K ohm
1.1M ohm-10M ohm
Short Time Overload
∆R ≤ ±(0.75% + 0.05 ohm)
Temperature Cycling
∆R ≤ ±(0.5% + 0.05 ohm)
Soldering Effect
∆R ≤ ±(1% + 0.05 ohm)
Vibration
∆R ≤ ±(0.5% + 0.05 ohm)
R > 100K
∆R ≤ ±5%
Moisture
Resistance
R ≤ 100K
∆R ≤ ±(3% + 0.05 ohm)
Load Life
±(3%+0.05 ohm)
Carbon Film Resistors
CF Series


Similar Description - CF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA311 INTERSIL-CA311 Datasheet
486Kb / 8P
Voltage Comparator For Commercial Industrial Applications
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
May 2001
logo
Harris Corporation
CA3141 HARRIS-CA3141 Datasheet
33Kb / 4P
High-Voltage Diode Array For Commercial, Industrial and Military Applications
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
May 2001
logo
Wall Industries,Inc.
AM505-200N WALL-AM505-200N Datasheet
210Kb / 2P
This economically priced converter is perfect for low power applications
logo
List of Unclassifed Man...
WMF05S82K-F ETC2-WMF05S82K-F Datasheet
185Kb / 2P
Commercial, Industrial Applications
logo
Ohmite Mfg. Co.
SINK-CSM OHMITE-SINK-CSM Datasheet
411Kb / 2P
The economically priced CSM Series is suitable
logo
AVX Corporation
NP30 AVX-NP30 Datasheet
401Kb / 10P
Commercial, Industrial and Automotive Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com