Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAP64-05 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAP64-05
Description  Silicon PIN diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP64-05 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAP64-05 Datasheet HTML 1Page - NXP Semiconductors BAP64-05 Datasheet HTML 2Page - NXP Semiconductors BAP64-05 Datasheet HTML 3Page - NXP Semiconductors BAP64-05 Datasheet HTML 4Page - NXP Semiconductors BAP64-05 Datasheet HTML 5Page - NXP Semiconductors BAP64-05 Datasheet HTML 6Page - NXP Semiconductors BAP64-05 Datasheet HTML 7Page - NXP Semiconductors BAP64-05 Datasheet HTML 8Page - NXP Semiconductors BAP64-05 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BAP64-05
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 5 — 28 April 2015
2 of 9
NXP Semiconductors
BAP64-05
Silicon PIN diode
4.
Marking
5.
Limiting values
6.
Thermal characteristics
7.
Characteristics
Table 3.
Marking
Type number
Marking
Description
BAP64-05
5K*
* = t : made in Malaysia
* = W : made in China
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Values are specified per diode.
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
175
V
IF
forward current
-
100
mA
Ptot
total power dissipation
Tsp = 90 C-
250
mW
Tstg
storage temperature
65
+150
C
Tj
junction temperature
65
+150
C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction to solder point
220
K/W
Table 6.
Characteristics
Values are specified per diode; Tj = 25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 50 mA
-
0.95
1.1
V
IR
reverse current
VR = 175 V
-
-
10
A
VR =20V
-
-
1
A
Cd
diode capacitance
see Figure 1; f = 1 MHz;
VR = 0 V
-
0.52
-
pF
VR = 1 V
-
0.37
-
pF
VR =20V
-
0.23
0.35
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com