Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1069ACUD Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1069ACUD
Description  58.6ksps, 14-Bit, 2-Wire Serial ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1069ACUD Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1069ACUD Datasheet HTML 12Page - Maxim Integrated Products MAX1069ACUD Datasheet HTML 13Page - Maxim Integrated Products MAX1069ACUD Datasheet HTML 14Page - Maxim Integrated Products MAX1069ACUD Datasheet HTML 15Page - Maxim Integrated Products MAX1069ACUD Datasheet HTML 16Page - Maxim Integrated Products MAX1069ACUD Datasheet HTML 17Page - Maxim Integrated Products MAX1069ACUD Datasheet HTML 18Page - Maxim Integrated Products MAX1069ACUD Datasheet HTML 19Page - Maxim Integrated Products MAX1069ACUD Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
If the internal reference is used and R/W = 0, shutdown
occurs when the master issues a not-acknowledge bit
while reading the conversion results. The internal refer-
ence and internal reference buffer are disabled during
shutdown, reducing the analog supply current to less
than 1µA.
A dummy conversion is required to power up the inter-
nal reference. The MAX1069 internal reference begins
powering up from shutdown on the 9th falling edge of a
valid address byte. Allow 12ms for the internal refer-
ence to settle before obtaining valid conversion results.
Reference Voltage
The MAX1069 provides an internal or accepts an exter-
nal reference voltage. The ADC input range is from
VAGNDS to VREF (see the Transfer Function section).
58.6ksps, 14-Bit, 2-Wire Serial ADC
in a 14-Pin TSSOP
16
______________________________________________________________________________________
Figure 11. Read Cycle
S
1
SLAVE ADDRESS
71
R
NUMBER OF BITS
P OR Sr
1
1
8
RESULT #1
A
18
RESULT #1
A
1
8
RESULT
A
18
RESULT
A
1
CLOCK STRETCH
tCONV
tACQ
A
8
RESULT #2
A
1
CLOCK STRETCH
tCONV
tACQ
NUMBER OF BITS
89
567
BIT3
BIT2
BIT1
BIT0
A
CLOCK STRETCH
tAD
tACQ
tAJ
SCL
SDA
12
3
D10
D12
D11
tCONV
8
RESULT #2
A
1
NUMBER OF BITS
P OR Sr
1
A
1
8
RESULT #N
A
18
RESULT #N
CLOCK STRETCH
tCONV
tACQ
(MOST SIGNIFICANT BYTE) (LEAST SIGNIFICANT BYTE)
(MOST SIGNIFICANT BYTE) (LEAST SIGNIFICANT BYTE)
(LEAST SIGNIFICANT BYTE)
(MOST SIGNIFICANT BYTE)
(MOST SIGNIFICANT BYTE) (LEAST SIGNIFICANT BYTE)
ANALOG INPUT
TRACK AND HOLD
TRACK
HOLD
HOLD
B. CONTINUOUS CONVERSIONS
A. SINGLE CONVERSION
SLAVE TO MASTER
MASTER TO SLAVE
C. ACQUISITION DETAIL
D13
4
R
S
1
SLAVE ADDRESS
A
71 1
CLOCK STRETCH
tACQ
tCONV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com