Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABA-54563 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ABA-54563
Description  3.4 GHz Broadband Silicon RFIC Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ABA-54563 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ABA-54563 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ABA-54563 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ABA-54563 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ABA-54563 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ABA-54563 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ABA-54563 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ABA-54563 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ABA-54563 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ABA-54563 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
ABA-54563 Absolute Maximum Ratings[1]
Symbol
Parameter
Units
Absolute Max.
Vcc
Device Voltage, RF output to ground (T = 25°C)
V
6
Pin
CW RF Input Power
dBm
20
Pdiss
Total Power Dissipation[3]
mW
560
θj-c
Thermal Resistance[2]
°C/W
110
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Notes:
1. Operation of this device in excess of any
of these limits may cause permanent
damage.
2. Thermal resistance measured using 150°C
Liquid Crystal Measurement method.
3. Case temperature Tc at 25°C. Derate at
9.1mW/°C for Tc > 87.5°C.
Product Consistency Distribution Charts at 5.0V and 2 GHz.[1]
Figure 1. S21 Distribution.
100
80
60
40
20
0
S21 (dB)
21.8
22.2
23
23.4
22.6
23.8
Figure 2. P1dB Distribution.
80
60
40
20
0
P1dB (dBm)
15.3
15.6
16.2
16.5
15.9
16.8
Figure 3. Noise Figure Distribution.
120
100
80
60
40
20
0
NF (dB)
3.6
4
4.4
4.8
5.2
Figure 4. OIP3 Distribution.
80
60
40
20
0
OIP3 (dBm)
26.5
27
28
28.5
27.5
29
Note:
1. Measured on the production test circuit base on 500 samples.
Figure 5. Test circuit at of the 2 GHz production test board used for NF, Gain and OIP3
measurements. Circuit losses have been de-embedded from actual measurements.
RF Output
RF Input
Vcc
RFC
33 nH
Cblock
1 nF
Cblock
1 nF
Cbypass
100 pF
Cbypass
1000 pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com