Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP4068P Datasheet(PDF) 3 Page - International Rectifier

Part # GP4068P
Description  Low Switching Losses
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GP4068P Datasheet(HTML) 3 Page - International Rectifier

  GP4068P Datasheet HTML 1Page - International Rectifier GP4068P Datasheet HTML 2Page - International Rectifier GP4068P Datasheet HTML 3Page - International Rectifier GP4068P Datasheet HTML 4Page - International Rectifier GP4068P Datasheet HTML 5Page - International Rectifier GP4068P Datasheet HTML 6Page - International Rectifier GP4068P Datasheet HTML 7Page - International Rectifier GP4068P Datasheet HTML 8Page - International Rectifier GP4068P Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRGP4068DPbF/IRGP4068D-EPbF
www.irf.com
3
Fig. 1 - Maximum DC Collector Current vs.
Case Temperature
Fig. 2 - Power Dissipation vs. Case
Temperature
0
25
50
75 100 125 150 175 200
TC (°C)
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75 100 125 150 175 200
TC (°C)
0
50
100
150
200
250
300
350
Fig. 3 - Reverse Bias SOA
TJ = 175°C; VGE = 20V
10
100
1000
VCE (V)
1
10
100
1000
Fig. 4 - Typ. IGBT Output Characteristics
TJ = -40°C; tp = 80μs
0
2
4
6
8
10
VCE (V)
0
20
40
60
80
100
120
140
160
180
200
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
Fig. 5 - Typ. IGBT Output Characteristics
TJ = 25°C; tp = 80μs
0
2
4
6
8
10
VCE (V)
0
20
40
60
80
100
120
140
160
180
200
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
Fig. 6 - Typ. IGBT Output Characteristics
TJ = 175°C; tp = 80μs
0
2
4
6
8
10
VCE (V)
0
20
40
60
80
100
120
140
160
180
200
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com