Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALM-GA002 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-GA002
Description  GPS Low Noise Amplifier Variable Current/Shutdown Function
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-GA002 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ALM-GA002 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALM-GA002 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-GA002 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-GA002 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-GA002 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-GA002 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-GA002 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-GA002 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-GA002 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Absolute Maximum Ratings [1]
Symbol
Parameter
Units
Absolute Maximum
VDS
Drain – Source Voltage [2]
V
3.6
IDS
2G Drain Current [2]
mA
15
Pdiss
Total Power Dissipation [3]
mW
54
Pin max.
RF Input Power
dBm
+10
TCH
Channel Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
qch_b
Thermal Resistance [4]
°C/W
232
Notes:
1. Operation of this device above any one of these parameters may cause permanent damage.
2. Assuming DC quiescent conditions.
3. Board (package belly) temperature TB is 25°C. Derate 4.32mW/°C for TB > 137°C.
4. Channel-to-board thermal resistance measured using 150°C Liquid Crystal Measurement method.
Electrical Specifications
TA = 25°C, DC bias for RF parameter is VDD = VSD = +2.85V @ 8mA (unless otherwise specified)
Table 1. Performance table at nominal operating conditions
VDD= VSD = +2.85V, R1 = 18K Ohm, Freq=1.575GHz – Typical Performance
Symbol
Parameter and Test Condition
Units
Min.
Typ
Max.
G
Gain
dB
14.3
NF
Noise Figure
dB
0.8
IP1dB
Input 1dB Compressed Power
dBm
1.8
IIP3
Input 3rd Order Intercept Point
(2-tone @ Fc +/- 2.5MHz)
dBm
4.7
S11
Input Return Loss
dB
-11.8
S22
Output Return Loss
dB
- 12.4
Ids
Supply Current
mA
8
Ish
Shutdown Current @ VSD = 0V
uA
0.1
Vds
Supply Voltage
V
2.85
IP1dB1710M
Out of Band IP1dB (DCS 1710MHz) blocking
dBm
2.9
IIP3OUT
Out of Band IIP3 (DCS 1775MHz & 1950MHz)
dBm
5.5
Table 2. Typical performance at low operation voltages with R1 (see Fig 2) set to 0 Ohm
VDD = +2V, VDD= +1.5V & VDD= +1.0V, Freq=1.575GHz – Typical Performance
(VSD=VDD, R1=0 Ohm)
Symbol
Parameter and Test Condition
Units
VDD = 2V
VDD = 1.5V
VDD = 1.0V
G
Gain
dB
15
14.2
12.3
NF
Noise Figure
dB
0.8
0.9
1
IP1dB
Input 1dB Compressed Power
dBm
-1.4
-2.4
-3.8
IIP3
Input 3rd Order Intercept Point
(2-tone @ Fc +/- 2.5MHz)
dBm
7.3
4.9
5.2
S11
Input Return Loss
dB
-13.8
-11.5
-8
S22
Output Return Loss
dB
-15.5
-14.5
-11.7
Ids
Supply Current
mA
13
7.5
3.6
Ish
Shutdown Current @ VSD = 0V
uA
0.1
0.1
0.1
Vds
Supply Voltage
V
2
1.5
1.0
IP1dB1710M
Out of Band IP1dB (DCS 1710MHz) blocking
dBm
-0.3
-1.9
-2.9
IIP3OUT
Out of Band IIP3 (DCS 1775MHz & 1950MHz)
dBm
8.7
5.8
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com