Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDR Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MDR
Description  Spiral wound, ribbon element, nonflammable coating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MDR Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MDR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MDR Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MDR Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MDR Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. 7
MDR TYPE
DIMENSIONS(mm)
Resistance
Power Rating
A±1
B±2
C±2
D±0.1
E±0.2
F±1
G±2
H±2
I±2
J±2
K±0.1
Range
MDR-10W
12.5
45
35
2.1
4
10
55
56
57
30
4
1
Ω ~10KΩ
MDR-20W
16.5
60
45
3
5
12
70
84
100
37
4
1
Ω ~20KΩ
MDR-30W
16.5
80
65
3
5
12
90
104
120
37
4
1
Ω ~30KΩ
MDR-40W
16.5
110
95
3
5
12
120
134
150
37
4
1
Ω ~40KΩ
MDR-50W
25
110
92
5.2
8
19
120
142
164
58
6
0.1
Ω ~50KΩ
MDR-60W
28
90
72
5.2
8
17
101
123
145
60
6
0.1
Ω ~60KΩ
MDR-80W
28
110
92
5.2
8
17
121
143
165
60
6
0.1
Ω ~80KΩ
MDR-100W
28
140
122
5.2
8
17
151
173
195
60
6
0.1
Ω ~100KΩ
MDR-120W
28
160
142
5.2
8
17
171
193
215
60
6
0.1
Ω ~120KΩ
MDR-150W
28
195
177
5.2
8
17
206
229
250
60
6
0.1
Ω ~150KΩ
MDR-160W
35
185
167
5.2
8
17
197
217
245
75
8
0.1
Ω ~160KΩ
MDR-200W
35
210
192
5.2
8
17
222
242
270
75
8
0.1
Ω ~200KΩ
MDR-225W
40
195
173
5.2
8
17
207
227
255
77
8
0.1
Ω ~200KΩ
MDR-250W
40
210
188
5.2
10
18
222
242
270
77
8
0.5
Ω ~250KΩ
MDR-300W
40
260
238
5.2
10
18
272
292
320
77
8
0.5
Ω ~300KΩ
MDR-400W
40
330
308
5.2
10
18
342
380
390
77
8
0.5
Ω ~400KΩ
MDR-500W
50
330
304
6.2
12
28
346
367
399
105
9
0.5
Ω ~500KΩ
MDR-600W
50
400
384
6.2
12
28
416
437
469
105
9
1
Ω ~600KΩ
MDR-700W
50
460
384
6.2
12
28
462
500
530
105
9
1
Ω ~600KΩ
MDR-800W
60
460
425
6.2
15
30
480
504
533
112
9
1
Ω ~800KΩ
MDR-1000W
60
540
505
6.2
15
30
560
584
613
112
10
1
Ω ~1MΩ
MDR-3000W
65
650
620
6.2
15
30
667
700
715
115
10
1
Ω ~1.3MΩ
Wire-Wound Power Resistor
MDR / MDQR / MZR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com