Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALM-GP001 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-GP001
Description  GPS Filter-LNA-Filter Front-End Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-GP001 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ALM-GP001 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALM-GP001 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-GP001 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-GP001 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-GP001 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-GP001 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-GP001 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-GP001 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-GP001 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Absolute Maximum Rating[1] TA=25°C
Symbol
Parameter
Units
Absolute
Max.
Vdd
Device Drain to Source Voltage[2]
V
3.6
Idd
Drain Current[2]
mA
20
Pin,max
CW RF Input Power (Vdd = 2.7V, Idd = 7.5mA)
dBm
15
Pdiss
Total Power Dissipation[4]
mW
72
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance [3]
(Vdd = 2.7V, Idd = 7.5mA),
θjc = 92°C/W
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. Assuming DC quiescent conditions.
3. Thermal resistance measured using Infra-Red
measurement technique.
4. Board (module belly) temperature TB is 25°C.
Derate 10.87 mW/°C for TB>143°C.
Electrical Specifications
TA = 25°C, Freq = 1.575GHz, measured on demo board[1] unless otherwise specified – Typical Performance[1]
Table 1. Performance at Vdd = Vsd = 2.7V, Idd = 7.5mA (Rbias = 6.8k Ohm) nominal operating conditions
Symbol
Parameter and Test Condition
Units
Min.
Typ
Max.
G
Gain
dB
12
14.2
16.3
NF[2]
Noise Figure
dB
–
1.26
1.7
IP1dB
Input 1dB Compressed Power
dBm
–
+2
–
IIP3[3]
Input 3rd Order Intercept Point (2-tone @ Fc +/- 2.5MHz)
dBm
0
+5
–
S11
Input Return Loss
dB
–
-9
–
S22
Output Return Loss
dB
–
-12
–
S12
Reverse Isolation
dB
–
-22
–
Low Band Rejection
Worst-case relative to 1.575GHz within
(827-928)MHz band, tested at 928MHz
dBc
79
89
–
High Band Rejection
Worst-case relative to 1.575GHz within
(1710-1980)MHz band, tested at 1850MHz
dBc
74
80
–
WLAN Band Rejection
Worst-case relative to 1.575GHz within
(2400-2500)MHz band, tested at 2500MHz
dBc
67
72
–
IP1dB890MHz
Input 1dB gain compression interferer signal level at
890MHz
dBm
–
21
–
IP1dB1710MHz
Input 1dB gain compression interferer signal level at
1710MHz
dBm
–
32
–
IP1dB1885MHz
Input 1dB gain compression interferer signal level at
1885MHz
dBm
–
37
–
IP1dB2500MHz
Input 1dB gain compression interferer signal level at
2500MHz
dBm
–
35
-
OOB IIP3[4]
Out of Band Input 3rd Order Intercept Point
(2-tone @ 1712.7 MHz and 1850MHz)
dBm
–
62
–
Idd
Supply DC current at Shutdown (SD) voltage Vsd = 2.7V
mA
4
7.5
15
Ish
Shutdown Current @ VSD = 0V
uA
–
0.5
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com