Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPLR Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MPLR
Description  Electronic applications: Rechargeable battery packs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPLR Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MPLR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPLR Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPLR Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
Rev. 7
 
Polymeric PTC
MPLR Series
 
Feature and Application
ROHS Compliant (Lead Free) Product
Electronic applications: Rechargeable battery packs, Lithium cell, battery packs and laptop computer
Low profile, Solid state, Low resistance, High hold current
Operation Current: 1.9A to 7.3A
Maximum Operating Voltage: 15V and 20V
Temperature Range: -40ºC to 85ºC
PART NUMBERING SYSTEM
 
MPLR
XXX
Meritek Series
Current Rating


Similar Part No. - MPLR

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
MPL YSTONE-MPL Datasheet
322Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
logo
MicroPower Direct, LLC
MPL-01S-05E MPD-MPL-01S-05E Datasheet
394Kb / 2P
Single Output, 1W Ultra-Miniature SIP AC/DC Power Supplies
MPL-01S-05EUP MPD-MPL-01S-05EUP Datasheet
1Mb / 4P
1W Output Power
MPL-01S-09E MPD-MPL-01S-09E Datasheet
394Kb / 2P
Single Output, 1W Ultra-Miniature SIP AC/DC Power Supplies
MPL-01S-09EUP MPD-MPL-01S-09EUP Datasheet
1Mb / 4P
1W Output Power
More results

Similar Description - MPLR

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MPVL MERITEK-MPVL Datasheet
158Kb / 3P
Electronic applications: Rechargeable battery packs
logo
HYCON Technology Corpor...
HY2112 HYCON-HY2112 Datasheet
766Kb / 17P
Battery Packs Protection ICs
HY2116 HYCON-HY2116 Datasheet
1Mb / 32P
Battery Packs Protection ICs
HY2118 HYCON-HY2118 Datasheet
1Mb / 33P
Battery Packs Protection ICs
logo
B. B. Battery Co., Ltd.
MPL110-12 BB-BATTERY-MPL110-12 Datasheet
504Kb / 1P
VRLA Rechargeable Battery
logo
Power Sonic Corporation
PSL-BTC-1290 POWER-SONIC-PSL-BTC-1290 Datasheet
902Kb / 2P
Rechargeable Lithium Battery
PSL-BTC-12120 POWER-SONIC-PSL-BTC-12120 Datasheet
848Kb / 2P
Rechargeable Lithium Battery
PSL-BTP-12200 POWER-SONIC-PSL-BTP-12200 Datasheet
813Kb / 2P
Rechargeable Lithium Battery
PSL-BTP-24500 POWER-SONIC-PSL-BTP-24500 Datasheet
878Kb / 2P
Rechargeable Lithium Battery
logo
Shenzhen Huazhimei Semi...
HM5431A HMSEMI-HM5431A Datasheet
1Mb / 10P
single-cell lithium-ion/lithium polymer rechargeable battery packs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com