Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA-565P8 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-565P8
Description  High Isolation Buffer Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-565P8 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-565P8 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-565P8 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-565P8 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-565P8 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-565P8 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-565P8 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-565P8 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-565P8 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-565P8 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
MGA-565P8 Absolute Maximum Ratings[1]
Absolute
Symbol
Parameter
Units
Maximum
V
d
DC Supply Voltage
V
8
P
diss
Total Power Dissipation [2]
mW
448
P
in max.
RF Input Power (Vd=5V)
dBm
15
T
CH
Channel Temperature
°C
150
T
STG
Storage Temperature
°C
-65 to 150
θ
ch_b
Thermal Resistance[3]
°C/W
91
ESD (Human Body Model)
V
100
ESD (Machine Model)
V
30
Notes:
1. Operation of this device in excess of
any one of these parameters may cause
permanent damage.
2. Board (package belly) temperature T
B is
25°C. Derate 11 mW/°C for T
B > 109°C.
3. Channel-to-board thermal resistance
measured using 150°C Liquid Crystal
Measurement method.
Electrical Specifications
T
A = 25°C, Frequency = 2 GHz, Rbias = 0Ω (unless specified otherwise)
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
P
sat
Saturated Power at 0 dBm input
Vd = 5V[1]
dBm
18.5
20
Vd = 3V
dBm
17
I
dsat
Saturation Current
Vd = 5V[1]
mA
58
67
Vd = 3V
mA
45
ISL [1]
Reverse Isolation
dB
42
50
Gain
Small Signal Gain
Vd = 5V[1]
dB
20
21.8
23.5
Vd = 3V
20
I
ds
Small Signal Current (P
in = -10 dBm)
Vd = 5V[1]
mA
33
37
Vd = 3V
27
RL [1]
Return Loss
Input
dB
-8
Output
-10
Notes:
1. Typical value determined from a sample size of 500 parts from 3 wafers.
2. Measurement obtained using production test board described in the block diagram below. Circuit losses have been de-embedded from
actual measurements.
Figure 1. Production Test Circuit Schematic at 2 GHz.
22 pF
22 pF
8
4
3
1
2
7
Buffer
Amplifier
22 pF
5V
12 nH
Rbias
+
1000 pF
0 Ohm
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com