Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1084AESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1084AESA
Description  400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1084AESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1084AESA Datasheet HTML 1Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 2Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 3Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 4Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 5Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 6Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 7Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 8Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
400ksps/300ksps, Single-Supply, Low-Power,
Serial 10-Bit ADCs with Internal Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX1084
(VDD = +4.5V to +5.5V, fSCLK = 6.4MHz, 50% duty cycle, 16 clocks/conversion cycle (400ksps), 4.7µF capacitor at REF, TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND .............................................................-0.3V to +6V
AIN to GND................................................-0.3V to (VDD + 0.3V)
REF to GND ...............................................-0.3V to (VDD + 0.3V)
Digital Inputs to GND...............................................-0.3V to +6V
DOUT to GND............................................-0.3V to (VDD + 0.3V)
DOUT Current ..................................................................±25mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.88mW/°C above +70°C) ..............471mW
Operating Temperature Ranges
MAX1084_CSA/MAX1085_CSA.........................0°C to +70°C
MAX1084_ESA/MAX1085_ESA ......................-40°C to +85°C
Storage Temperature Range............................-60°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
MAX1084A
SINAD > 58dB
-3dB point
Up to the 5th harmonic
fIN1 = 99kHz, fIN2 =102kHz
MAX1084B
No missing codes over temperature
CONDITIONS
%
40
60
Duty Cycle
MHz
0.5
6.4
fSCLK
Serial Clock Frequency
ps
<50
Aperture Jitter
ns
10
Aperture Delay
ns
468
tACQ
Track/Hold Acquisition Time
µs
2.5
tCONV
Conversion Time (Note 4)
kHz
350
Full-Linear Bandwidth
MHz
6
Full-Power Bandwidth
dB
76
IMD
Intermodulation Distortion
dB
70
SFDR
Spurious-Free Dynamic Range
LSB
±0.5
INL
Relative Accuracy (Note 2)
Bits
10
Resolution
dB
-70
THD
Total Harmonic Distortion
dB
60
SINAD
Signal-to-Noise Plus Distortion
Ratio
ppm/°C
±0.8
Gain-Error Temperature
Coefficient
±1.0
LSB
±1.0
DNL
Differential Nonlinearity
LSB
±4.0
Offset Error
LSB
±3.0
Gain Error (Note 3)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
pF
18
Input Capacitance
V
0
2.5
VAIN
Input Voltage Range
DC ACCURACY (Note 1)
DYNAMIC SPECIFICATIONS (100kHz sine wave, 2.5Vp-p, clock = 6.4MHz)
CONVERSION RATE
ANALOG INPUT (AIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com