Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # RB
Description  This series has high value of CV for general purposes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RB Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  RB Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RB Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION RB Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION RB Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION RB Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION RB Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION RB Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION RB Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev. 7b
RB Series
(General Purposes) MERITEK
Aluminum Electrolytic Capacitors
Cap.
(uF)
V
25
35
50
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
33
5x11
110
5x11
120
5x11
140
6.3x11
130
6.3x11
140
6.3x11
150
47
5x11
140
5x11
150
6.3x11
180
6.3x11
160
6.3x11
170
8x11.5
210
100
6.3x11
230
6.3x11
240
8x11.5
310
8x11.5
260
8x11.5
290
10x12.5
330
220
8x11.5
390
8x11.5
420
10x12.5
490
10x12.5
410
10x12.5
450
10x16
540
330
8x11.5
480
10x12.5
550
10x16
670
10x12.5
510
10x16
610
10x20
730
470
10x12.5
600
10x16
720
10x20
820
10x16
670
10x20
800
12.5x20
930
1000
10x20
1080
12.5x20
1240
12.5x25
1500
12.5x20
1150
12.5x25
1370
16x25
1510
2200
12.5x25
1760
16x25
1890
16x35.5
2390
16x25
1770
16x31.5
2090
18x35.5
2550
3300
16x25
2040
16x35.5
2530
18x35.5
2890
16x31.5
2260
18x35.5
2700
18x40
3050
4700
16x31.5
2500
18x35.5
2960
22x45
3880
18x35.5
2810
18x40
3120
6800
18x35.5
3100
22x45
4020
18x40
3270
25x50
4730
8200
22x45
4000
22x50
4350
10000
22x50
4330
25x50
4800
15000
25x50
4970
CASE SIZE & MAX RIPPLE CURRENT
Case size
: DxL
(mm)
Max. ripple current
: mA(rms) 85
C 120Hz
Cap.
(uF)
V
63
100
Item
DxL
R.C.
DxL
R.C.
0.47

5x11
18
1

5x11
26
2.2

5x11
39
3.3

5x11
48
4.7

5x11
55
10
5x11
75
6.3x11
95
22
5x11
110
6.3x11
140
6.3x11
130
8x11.5
160
33
6.3x11
150
8x11.5
200
8x11.5
180
10x12.5
210
47
6.3x11
180
10x12.5
250
8x11.5
210
10x16
280
100
10x12.5
330
10x20
450
10x16
370
12.5x20
480
220
10x16
540
12.5x25
790
10x20
600
16x25
790
330
10x20
730
12.5x25
960
12.5x20
780
16x25
970
470
12.5x20
930
16x25
1160
12.5x25
1030
16x31.5
1280
1000
16x25
1510
18x40
2220
16x31.5
1670
22x35
2340
2200
22x35
2830
25x50
3900
3300
22x50
3760
4700
25x50
4370



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com