Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1108CUB Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1108CUB
Description  Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1108CUB Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1108CUB Datasheet HTML 12Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 13Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 14Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 15Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 16Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 17Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 18Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 19Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Single-Supply, Low-Power,
2-Channel, Serial 8-Bit ADCs
16
______________________________________________________________________________________
to the SCLK pin; varying the analog input alters the
result of conversion that is clocked out at the DOUT pin.
A total of 10 clock cycles is required per conversion.
Data Framing
The falling edge of CS does not start a conversion. The
first logic high clocked into DIN is interpreted as a start
bit and defines the first bit of the control byte.
Acquisition starts on the falling edge of the fourth SCLK
and lasts for two SCLKs in external clock mode or four
SCLKs in internal clock mode. Conversion starts imme-
diately after acquisition is completed. The start bit is
defined as:
The first high bit clocked into DIN with CS
low any time the converter is idle; e.g., after
VDD is applied.
OR
In external clock mode, the first high bit
clocked into DIN after the bit 5 (D5) of a con-
version in progress is clocked onto the
DOUT pin.
OR
In internal clock mode, the first high bit
clocked into DIN after the bit 4 (D4) is
clocked onto the DOUT pin.
The MAX1108/MAX1109 can run at a maximum speed
of 10 clocks per conversion. Figure 10 shows the serial-
interface timing necessary to perform a conversion
every 10 SCLK cycles in external clock mode.
Many microcontrollers require that conversions occur in
multiples of 8 SCLK clocks; 16 clocks per conversion is
typically the fastest that a microcontroller can drive the
MAX1108/MAX1109. Figure 11 shows the serial-inter-
face timing necessary to perform a conversion every 16
SCLK cycles in external clock mode.
SCLK
DIN
DOUT
CS
S
CONTROL BYTE 0
CONTROL BYTE 1
S
CONVERSION RESULT 0
D7
D5
D0
D7
D5
D0
D7
CONVERSION RESULT 1
CONTROL BYTE 2
S
1
8
10
1
10
1
10
1
S
tACQ
tACQ
tACQ
IDLE
A/D STATE
tCONV
tCONV
tCONV
Figure 10. Continuous Conversion, External Clock Mode, 10 Clocks/Conversion Timing
SCLK
DIN
DOUT
CS
S
CONTROL BYTE 0
CONTROL BYTE 1
S
CONVERSION RESULT 0
D7
D0
D7
D0
CONVERSION RESULT 1
S
1
8
17
25
Figure 11. Continuous Conversion, External Clock Mode, 16 Clocks/Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com