Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM-5000/485 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-5000/485
Description  4-slot Distributed DA&C System for RS-485
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-5000/485 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-5000/485 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIN-Rail IPCs
Features
ADAM-5000/485
ADAM-5000E
Introduction
The ADAM-5000/485 and ADAM-5000E systems conform to the EIA RS-485 communication standard. This is the industry's most widely used, balanced, bidirectional transmission
line standard. RS-485 was specifically developed for industrial applications to transmit and receive data at high rates over long distances.
Specifications
Control System
ƒ
CPU
16-bit 80188 microprocessor
ƒ
I/O Slots
ADAM-5000/485: 4
ADAM-5000E: 8
ƒ
LED Indicators
Power, CPU, communications
ƒ
Watchdog Timer
1.6 sec. (System)
Communications
ƒ
Command Format
ASCII command/response protocol, Modbus/RTU
ƒ
Communication
RS-485: 1.2 km (4000 feet)
Distance
ƒ
Data Format
Asynchronous. 1 start bit, 8 data bits, 1 stop bit, no
parity
ƒ
Network Protocols
Programming link: RS-232 (3-wire: TX, RX, GND)
Communication: RS-485 (2-wire)
ƒ
Reliability Check
Communication error checking with checksum
ƒ
Max. Nodes
128 (in RS-485 daisy-chain network)
ƒ
Speeds (kbps)
1.2, 2.4, 4.8, 9.6, 19.2, 38.4, 57.6, and 115.2
Power
ƒ
Power Consumption
3 W @ 24 VDC (ADAM-5000/485)
(not including I/O modules)
4.0 W @ 24 VDC (ADAM-5000E)
(not including I/O modules)
ƒ
Power Input
Unregulated 10 ~ 30 V
DC
Software
ƒ
Driver Support Windows DLL, OPC Server, Wonderware InTouch,
Intellution, iFIX, Citect, Advantech Studio, ADAMView
ƒ
C and .NET Class Library
Protection
ƒ
Communication Line
2,500 VDC (ADAM-5000/485)
Isolation
3,000 VDC (ADAM-5000E)
ƒ
I/O Module Isolation
3,000 VDC
ƒ
Transient Protection
RS-485 communication lines, power input
ƒ
Power Reversal
Yes
Protection
General
ƒ
Certification
CE, FM
ƒ
Connectors
1 x DB9-M/DB9-F/screw terminal for RS-485
(communication)
1 x DB9-F for RS-232 (configuration)
1 x Screw-terminal for power input
ƒ
Dimensions (WxHxD)
4-slot: 231 x 110 x 75 mm
8-slot: 355 x 110 x 75 mm
ƒ
Enclosure
ABS+PC
ƒ
Mounting
DIN-rail, wall, rack (with mounting kit)
Environment
ƒ
Humidity
5 ~ 95%, non-condensing
ƒ
Operating Temperature -10 ~ 70°C (14 ~ 158°F)
ƒ
Storing Temperature
-25 ~ 85°C (-13 ~ 185°F)
Ordering Information
ƒ
ADAM-5000/485
4-slot Distributed DA & C System for RS-485
ƒ
ADAM-5000E
8-slot Distributed DA & C System for RS-485
ƒ RS-485 communication for easy installation and networking
ƒ 4 or 8 slots for up to 128 points data monitoring card control in one module
ƒ Extensive software support, includes windows DLL drivers, OCX drivers, OPC
server and popular HMI/SCADA software drivers
ƒ Seamlessly integrated with easy-to-use ADAMView data acquisition software
ƒ Supports ADAM ASCII protocol or Modbus®/RTU protocol
ƒ Supports Modbus/RTU protocol with user-defined Modbus address
4-slot Distributed DA&C System for
RS-485
8-slot Distributed DA&C System for
RS-485
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - ADAM-5000/485

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-5000/ECAT ADVANTECH-ADAM-5000/ECAT Datasheet
223Kb / 1P
4-slot Distributed High Speed I/O System for EtherCAT
ADAM-5000/TCP ADVANTECH-ADAM-5000/TCP Datasheet
194Kb / 1P
8-slot Distributed DA&C System for Ethernet
More results

Similar Description - ADAM-5000/485

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS450-3 EMERSON-NETWORKPOWER-DS450-3 Datasheet
180Kb / 3P
Distributed Power System
logo
Advantech Co., Ltd.
ADAM-5000 ADVANTECH-ADAM-5000 Datasheet
153Kb / 2P
Distributed DA&C System Based on RS-485
ADAM-5000L ADVANTECH-ADAM-5000L Datasheet
113Kb / 2P
4-slot Ethernet-based Distributed DA&C System
ADAM-5510E ADVANTECH-ADAM-5510E Datasheet
611Kb / 2P
4-slot PC-based Controller with RS-485
ADAM-5510KW ADVANTECH-ADAM-5510KW Datasheet
526Kb / 1P
4-slot SoftLogic Controller with RS-485
logo
MPS Industries, Inc.
M6201 MPSIND-M6201 Datasheet
164Kb / 1P
TRANSFORMER FOR RS-485 / RS-232 INTERFACE
logo
Advantech Co., Ltd.
ADAM-5000TCP ADVANTECH-ADAM-5000TCP_15 Datasheet
194Kb / 1P
8-slot Distributed DA&C System for Ethernet
ADAM-5000ECAT ADVANTECH-ADAM-5000ECAT_15 Datasheet
223Kb / 1P
4-slot Distributed High Speed I/O System for EtherCAT
logo
E-CMOS Corporation
ECSM712 E-CMOS-ECSM712 Datasheet
204Kb / 3P
Asymmetrical TVS for RS-485
logo
M-System Co.,Ltd.
R2K-1 MSYSTEM-R2K-1 Datasheet
127Kb / 3P
R2K Series RS-232-C/RS-485 CONVERTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com