Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM-5510/TCP Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-5510/TCP
Description  4/8 slots PC-based Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-5510/TCP Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-5510/TCP Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Features
ADAM-5510 Series
Introduction
The ADAM-5510 Series are ideal for PC-based data acquisition and control applications. They are compact, controllers with an Intel x86- based CPU running Datalight ROM-DOS.
Built-in battery backup SRAM is the best choice for complex logic or data storage applications. For professional C/C++ programmers, the ADAM-5510 Series application programs
may be written and compiled in Borland C++ 3.0, and downloaded to the controller.
For user who familiar with PLC programing environment, we provide the option for customer to use the KW softlogic which supports 5 standard IEC 61131-3 programming languages,
including LD/FB/SFC/IL/ST.
4/8 slots PC-based Controller
Specifications
Control System
ƒ
CPU
80188, 16-bit microprocessor
ƒ
I/O Slots
Optional 8 or 4 slots
ƒ
LED Indicators
Power, CPU, communications and battery
ƒ
Memory
Flash disk: 1 MB (960 KB for user applications)
Flash memory: 256 KB
Flash ROM: 256 KB
RAM: 640 KB (up to 384 KB with battery backup)
ƒ
Memory
Flash disk: 512KB
(Softlogic version)
Flash memory: 768KB
Flash ROM: 256KB
RAM: 640KB SRAM, 32KB with battery backup
(ADAM-5510KW)
RAM: 768KB SRAM, 17KB with battery backup
(ADAM-5510KW/TCP,ADAM-5510EKW/TP)
ƒ
Operating System
ROM-DOS (MS-DOS 6.22 Compatible)
ƒ
Real-time Clock
Yes
ƒ
Watchdog Timer
Yes
Serial Communication
ƒ
Max. Nodes
256 (in RS-485 daisy-chain network)
ƒ
Distance
1.2 km (4,000 feet)
ƒ
Speed
1,200 bps ~ 115.2 kbps (9600, 19200, 38400 bps for
Softlogic version)
ƒ
Isolation
2500 VDC (COM2 only)
Ethernet Communication
ƒ
Medium
Cat.5 cable with RJ-45 connector
ƒ
Distance
100 m
ƒ
Speed
10/100Base-T
Power
ƒ
Power Consumption
4 W @ 24 VDC (not including I/O modules)
ƒ
Power Input
Unregulated 10 ~ 30 VDC
ƒ
Isolation
3000 VDC
ƒ
Reverse Protection
Yes
Software
ƒ
ROM DOS version
C library for Borland C++ 3.0
ƒ
Softlogic version
Development tool : KW Multiprog
Runtime kernel : ProConOS
General
ƒ
Certification
CE, FCC Class A
ƒ
Connectors
COM1 : DB9-M
COM2 : Screw terminal(RS-485)
COM3 : DB9-F (RS-232/Programming)
COM4 : DB9-M (RS-232/485)
Power : Screw terminal
LAN : RJ-45 (option)
ƒ
Dimensions
4-slot: 231 x 110 x 75 mm
8-slot: 355 x 110 x 75 mm
ƒ
Enclosure
ABS+PC
ƒ
Mounting
DIN-rail, stack, wall
Environment
ƒ
Humidity
5 ~ 95%, non-condensing
ƒ
Operating Temperature -10 ~ 70°C (14 ~ 158°F)
ƒ
Storing Temperature
-25 ~ 85°C (-13 ~ 185°F)
Ordering Information
ƒ
ADAM-5510M
4-slot PC-based Controller
ƒ
ADAM-5510E
8-slot PC-based Controller
ƒ
ADAM-5510/TCP
4-slot PC-based Controller with Ethernet
ƒ
ADAM-5510E/TCP
8-slot PC-based Controller with Ethernet
ƒ
ADAM-5510KW
4-slot Softlogic Controller
ƒ
ADAM-5510KW/TCP
4-slot Softlogic Controller with Ethernet
ƒ
ADAM-5510EKW/TP
8-slot Softlogic Controller with Ethernet
ƒ
MPROG-PRO535E
KW Multiprog Pro v5.35 (128k bytes I/O, Win7 support)
ƒ Supports Modbus/RTU, Modbus/TCP Master and Slave function libraries
ƒ Windows-based utility
ƒ Optional support C Programming and IEC-61131-3 standard
ƒ Complete set of I/O modules
ƒ Built-in real-time clock and watchdog timer
ƒ ROM-DOS operating system
ƒ 4 serial communication ports
ƒ Optional support Ethernet Interface with network function, such as Web
Server, FTP Server and Email Alarm.
ƒ 4 or 8 I/O slot expansion
RoHS
COMPLIANT
2002/95/EC
ADAM-5510E
ADAM-5510
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - ADAM-5510/TCP

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-5510 ADVANTECH-ADAM-5510 Datasheet
611Kb / 2P
4-slot PC-based Controller with Ethernet
ADAM-5510 ADVANTECH-ADAM-5510 Datasheet
91Kb / 1P
3-channel RTD Input Module
January 2005
ADAM-5510-TCP ADVANTECH-ADAM-5510-TCP Datasheet
611Kb / 2P
4-slot PC-based Controller with Ethernet
ADAM-5510E ADVANTECH-ADAM-5510E Datasheet
611Kb / 2P
4-slot PC-based Controller with Ethernet
ADAM-5510E ADVANTECH-ADAM-5510E Datasheet
611Kb / 2P
4-slot PC-based Controller with RS-485
More results

Similar Description - ADAM-5510/TCP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VG509A ETC-VG509A Datasheet
1Mb / 5P
EPROM-Based 8-bit micro-controller
logo
Advantech Co., Ltd.
ADAM-5510 ADVANTECH-ADAM-5510 Datasheet
611Kb / 2P
4-slot PC-based Controller with Ethernet
ADAM-5510E ADVANTECH-ADAM-5510E Datasheet
611Kb / 2P
4-slot PC-based Controller with RS-485
ADAM-5550CE ADVANTECH-ADAM-5550CE Datasheet
616Kb / 2P
8-slot PC-based Controller with GX2 CPU
APAX-5520CE ADVANTECH-APAX-5520CE Datasheet
188Kb / 1P
PC-based Controller with XScale CPU
APAX-5570XPE ADVANTECH-APAX-5570XPE Datasheet
670Kb / 2P
PC-based Controller with Celeron M CPU
APAX-5571XPE ADVANTECH-APAX-5571XPE Datasheet
668Kb / 2P
PC-based Controller with Celeron짰 M CPU
logo
List of Unclassifed Man...
MRS-800 ETC2-MRS-800 Datasheet
177Kb / 1P
RISC-Based 8??Panel PC
logo
Schneider Electric
HMIBMU0I29DE00A SCHNEIDER-HMIBMU0I29DE00A Datasheet
208Kb / 5P
Modular box PC, Harmony iPC, HMIBM Universal DC Base unit 8 GB 4 slots
May 2, 2022
HMIBMU0I29DI00A SCHNEIDER-HMIBMU0I29DI00A Datasheet
208Kb / 5P
Modular box PC, Harmony iPC, HMIBM Universal DC Base unit 8 GB 4 slots
May 2, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com