Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETARIUM-2 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # NETARIUM-2
Description  3U 2-Slot AdvancedTCA Reference Platform
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

NETARIUM-2 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  NETARIUM-2_14 Datasheet HTML 1Page - Advantech Co., Ltd. NETARIUM-2_14 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Netarium™-2
3U 2-Slot AdvancedTCA
Reference Platform
ƒ 3U 2-slot 19" rackmount ATCA shelf with integrated server blades
ƒ 2 front slots with power distribution and cooling for up to 300W per slot
ƒ 2 rear transition module (RTM) slots
ƒ Supports two redundant Shelf Managers
ƒ 40G ATCA-compliant backplane with cross-connected Base and Fabric
Interfaces, handles up to 10 Gbps and 3.125 Gbps per differential pair
ƒ Redundant AC and DC power options
ƒ Right-to-Left Push-Pull Cooling Mode
ƒ Hot swappable FRUs (blades, RTMs, fan trays, power modules, and ShMM)
ƒ PICMG 3.0 (AdvancedTCA Base Specification) Compliance
Introduction
Advantech’s Netarium™ series of ATCA reference systems are specifically targeted to help network equipment providers reach superior levels of performance over traditional rackmount
servers or appliances and extend their product range at the high end. The series represents a new generation of systems which offer higher performance, greater scalability and extreme
flexibility by using the latest 40 Gigabit Ethernet (40G) backplanes, switches and application blades. Advantech optimizes the systems to achieve the highest possible density at the
rack level, enabling a maximum number of processor cores, network ports and switching capacity.
Each system is tailored for customers to rapidly deploy in data communication markets for applications which require faster and deeper packet processing such as policy and
charging enforcement, network security, real-time traffic monitoring, load balancing, subscriber analytics and content optimization among others. As ATCA was designed to meet the
carrier-grade constraints of the telecom industry, the systems integrate the chassis, cooling, power distribution and shelf management into an off-the-shelf platform solution capable
of superior 5 NINES availability and reliability.
NetariumTM-2 is the ultimate in entry level flexibility. This 2-slot platform allows OEMs to redeploy common platform hardware which scales when needed. Based on the MIC-5333 it
packs more processing power than previous generation 6-slot systems. With an increase in miniaturization and performance at the blade level it is accompanied by a new concept at the
mezzanine level to bring more I/O and acceleration closer to the processing cores. With four FMM sites on each ATCA blade and RTM, the MIC-5333 integrated into the Netarium™-2
Reference System offers the broadest flexibility in entry level system performance on ATCA.
Many different payloads can be integrated into Advantech Netarium™ systems and configured to address diverse industry applications. For more details on integrating a specific
configuration please contact your local sales representative.
Specifications
Number of slots
Front blades
2 ATCA compliant node blades
RTM’s
2 ATCA rear transition modules
Backplane
IPMB
Bussed (radial available on request)
Base interface
Dual star, 1000 Base-T
Fabric interface
Full mesh, 3.125Gbps or 10Gbps per differential pair
Cooling
Technology
Two front pluggable, hot swappable push-pull fan trays with N+1 redundant fans
(no degradation with a single fan failure)
Max. Capacity
>CPTA B.4, 300W/slot
Air filter
One hot swappable air filter on the right side of chassis
Accessibility
Front
ATCA blades, ShMC’s, front fan trays
Rear
RTM’s, PEM’s / AC PSU’s
Power
AC
Integrated dual, redundant AC power supplies, 850W
PSU cooling
Self cooled
DC feed
2 redundant, hot swappable PEMs w. integrated EMI filters
DC voltage
-36V to -72V (Nominal -48V)
Current rating
30A per feed
Shelf management
Full featured
Dual, redundant enhanced shelf managers
Interfaces
RMCP, SSH, SNMP, CLI, Web and serial interfaces
Sensors
FRU presence, fan health, PSU health, temperatures, input voltages
Miscellaneous
ESD plug
Front and rear
Cable management
Front / rear cable trays (optional)
Physical Characteristics
Dimensions (H x W x D)
3U x 19 x 462 mm
Weight
10kg (chassis weight only)
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 19-Jun-2014


Similar Part No. - NETARIUM-2_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
NETARIUM-2V2 ADVANTECH-NETARIUM-2V2_14 Datasheet
1Mb / 2P
3U 2-Slot AdvancedTCA 3U 2-Slot AdvancedTCA with Advantech Shelf Manager support
More results

Similar Description - NETARIUM-2_14

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM97395 BOARDCOM-BCM97395 Datasheet
271Kb / 2P
DUAL CHANNEL AVC HD REFERENCE PLATFORM
BCM1500TRP BOARDCOM-BCM1500TRP Datasheet
523Kb / 2P
CALISTO TEST AND REFERENCE PLATFORM
logo
CONEC Elektronische Bau...
ATC30W08MARAS5X CONEC-ATC30W08MARAS5X Datasheet
73Kb / 1P
AdvancedTCA
ATC30W08FGE3S5X CONEC-ATC30W08FGE3S5X Datasheet
83Kb / 1P
AdvancedTCA
logo
Advantech Co., Ltd.
NETARIUM-2V2 ADVANTECH-NETARIUM-2V2_14 Datasheet
1Mb / 2P
3U 2-Slot AdvancedTCA 3U 2-Slot AdvancedTCA with Advantech Shelf Manager support
NETARIUM-6 ADVANTECH-NETARIUM-6_14 Datasheet
905Kb / 2P
6U 6-Slot AdvancedTCA Reference Systems
NETARIUM-6V2 ADVANTECH-NETARIUM-6V2_14 Datasheet
2Mb / 2P
6U 6-Slot AdvancedTCA Reference Systems with Advantech Shelf Manager support
NETARIUM-14 ADVANTECH-NETARIUM-14_14 Datasheet
1Mb / 2P
14U 14-Slot AdvancedTCA Reference Systems
logo
Adlink Technology Inc.
ATCA-80302PA ADLINK-ATCA-80302PA Datasheet
252Kb / 2P
3U 2-slot Full-Mesh 40G AdvancedTCA Shelf
ATCA-80302PD ADLINK-ATCA-80302PD Datasheet
249Kb / 2P
3U 2-slot Full-Mesh 40G AdvancedTCA Shelf
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com