Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETARIUM-2V2 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # NETARIUM-2V2
Description  3U 2-Slot AdvancedTCA 3U 2-Slot AdvancedTCA with Advantech Shelf Manager support
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

NETARIUM-2V2 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  NETARIUM-2V2_14 Datasheet HTML 1Page - Advantech Co., Ltd. NETARIUM-2V2_14 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
Netarium™-2v2
Ordering Information
Model Series
Configuration
Netarium™-2v2 (AC)
3U, 2-slot ATCA chassis with 2x 850W AC PSUs, 2 fan
trays, air filter, full mesh backplane, optional ShMM
Netarium™-2v2 (DC) 3U, 2-slot ATCA chassis with 2 PEMs, 2 fan trays, air filter,
full mesh backplane, optional ShMM
Note: Please contact your local Advantech sales representative for more information.
Related Products
Model Series
Description
MIC-5333
AdvancedTCA Dual Socket CPU Blade with Intel® Xeon®
E5 Series Processors, Dual-Dual 40G Fabric Interface and
Acceleration Support
RTM-5106P
AdvancedTCA RTM for MIC-5333
MIC-5332
AdvancedTCA 10GbE Dual Socket CPU Blade with Intel®
Xeon® E5-2600 Processors
RTM-5104
AdvancedTCA RTM for MIC-5332
ATCA-7310
Dual Cavium Octeon® II CN6880 AdvancedTCA Node Blade
with 40GbE Switch
ATCA-9112
40GbE AdvancedTCA Switch Blade, supports up to 16 slots
Telco Systems T-HUB4 40GbE AdvancedTCA Switch Blade, supports up to 16 slots
SMM-5060
Netarium™ System Management Module
Specifications
Environment
Operating
Non-operating
Temperature
0 ~ 55° C (32 ~ 131° F)
- 40 ~ 70° C (-40 ~ 158° F)
Humidity
5 to 93%@40°C (non condensing)
95% @ 40° C (non-condensing)
Altitude
Up to 1800m (w/o cooling degradation)
Up to 4000m
Compliance
Environment
ETSI EN300019-2-1 Class1.2, EN300019-2-2 Class 2.3, ETSI EN300019-2-3 Class 3.1E
Designed to meet GR63-CORE
PICMG
3.0 R3.0, 3.1 R1.0, HPM.1
Safety & EMC
CB report (IEC60950-1), CE mark (EN60950-2001), UL60950-1/CSAC22.2
FCC47 CFR Part15, Class A, CE Mark (EN55022/EN55024/EN300386)
Designed to meet GR1089-CORE
1. PSU 1
2. Fan Tray 1
3. SMM-5060 Shelf Management 1
4. MIC-5333 node board
5. PSU 2
6. Fan Tray 2
7. SMM-5060 Shelf Management 2
1
3
4
2
5
6
7
448
482.6
3:10
3:10
3U2S AC POWER
ATCA CHASSIS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com