Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETARIUM-6 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # NETARIUM-6
Description  6U 6-Slot AdvancedTCA Reference Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

NETARIUM-6 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  NETARIUM-6_14 Datasheet HTML 1Page - Advantech Co., Ltd. NETARIUM-6_14 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Netarium™-6
6U 6-Slot AdvancedTCA Reference Systems
ƒ 6U 6-slot 19" rackmount ATCA shelf with integrated switches and server
blades
ƒ 4 node + 2 hub slots with power distribution and cooling for up to 350W per
slot
ƒ 6 rear transition module (RTM) slots
ƒ Supports two Pigeon Point System redundant Shelf Managers, and one
optional Shelf Alarm Panel
ƒ 40G ATCA-compliant backplane, with triple full mesh on fabric channel
and dual star on base channel, supports up to 10 Gbps and 3.125 Gbps per
differential pair
ƒ Redundant AC and DC power options
ƒ Right-to-Left Push-to-Pull Cooling Mode
ƒ Hot swappable FRUs (blades, RTMs, fan trays, power modules, ShMM, and
Telco alarm module)
ƒ PICMG 3.0 (AdvancedTCA Base Specification) Compliance
Introduction
Advantech’s Netarium™ series of ATCA reference systems are specifically targeted to help network equipment providers reach superior levels of performance over traditional rackmount
servers or appliances and extend their product range at the high end. The series represents a new generation of systems which offer superior performance, scalability and flexibility
with the latest 40 Gigabit Ethernet (40G) backplanes, switches and application blades. Advantech optimizes the systems to achieve the highest possible density at the rack level, with
a maximum number of payload blades, network ports and switching capacity.
Each system is tailored for customers to rapidly deploy in data communication markets for applications which require faster and deeper packet processing such as policy and
charging enforcement, network security, real-time traffic monitoring, load balancing, subscriber analytics and content optimization among others. As ATCA was designed to meet the
carrier-grade constraints of the telecom industry, the systems integrate the chassis, cooling, power distribution and shelf management into an off-the-shelf platform solution capable
of superior 5 NINES availability and reliability.
The mid-range Netarium-6 focuses on the high performance needs of large enterprise customers in a cost effective system loaded with four MIC-5333 dual Intel® Xeon® blades
and 40G switches in a dual-star configuration. The system provides up to 1.28 Tbps switching capacity and each MIC-5333 blade with RTM pair can accommodate up to 4 FMMs
for over 100 Gbps egress per blade with high-speed encryption using FMM-based acceleration modules. The system is an ideal platform for cloud-based security services in private
or data center clouds.
Specifications
Number of slots
Front boards
6 ATCA compliant node or hub boards (4 node boards and 2 hub boards)
RTM’s
6 ATCA rear transition modules
Backplane
IPMB
Bussed (radial available on request)
Base interface
Dual star, 1000 Base-T
Fabric interface
Triple replicated Full mesh, up to 10Gbps and 3.125Gbps per differential pair
Cooling
Technology
Two front pluggable, hot swappable push-pull fan trays with N+1 redundant fans (no degradation with a single fan
failure)
Max. Capacity
3350W/slot with t=12K
Air filter
Front replaceable air inlet filter with presence monitoring
Accessibility
Front
Front boards, ShMC’s, front fan trays
Rear
RTM’s, PEM’s / AC PSU’s, rear fan trays
Power
AC
Integrated dual, redundant AC power supplies, 2725W
230V @ 50.5A or 115V @ 22A (with limited performance) per AC inlet
PSU cooling
Self cooled
DC feed
2 redundant, hot swappable PEMs w. integrated EMI filters
DC voltage
-54V (Nominal -48V)
Current rating
50A per feed
Shelf management
Full featured
Dual, redundant Shelf Manager ACB-V, SW executes on the Pigeon Point Shelf Management Mezzanine 500
(ShMM-500)
Interfaces
RMCP, SSH, SNMP, CLI, Web and serial interfaces
Telco alarms
Optional Telco alarm panel (with three Telco alarm LEDs and one DB15-male Telco alarm connector)
Sensors
FRU presence, fan health, PSU health, temperatures, input voltages
Miscellaneous
ESD plug
Front and rear
Cable management
Front / rear cable trays (optional)
Physical Characteristics
Dimensions (H x W x D)
6U x 19 x 462 mm
Weight
23 kg (chassis weight only)
Preliminary
All product specifications are subject to change without notice
Last updated : 27-May-2014


Similar Part No. - NETARIUM-6_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
NETARIUM-6V2 ADVANTECH-NETARIUM-6V2_14 Datasheet
2Mb / 2P
6U 6-Slot AdvancedTCA Reference Systems with Advantech Shelf Manager support
More results

Similar Description - NETARIUM-6_14

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8595 SEMTECH-ACS8595 Datasheet
164Kb / 12P
Line Card Protection Switch for SONET/SDH AdvancedTCA Systems
logo
CONEC Elektronische Bau...
ATC30W08MARAS5X CONEC-ATC30W08MARAS5X Datasheet
73Kb / 1P
AdvancedTCA
ATC30W08FGE3S5X CONEC-ATC30W08FGE3S5X Datasheet
83Kb / 1P
AdvancedTCA
logo
Advantech Co., Ltd.
NETARIUM-2 ADVANTECH-NETARIUM-2_14 Datasheet
1Mb / 2P
3U 2-Slot AdvancedTCA Reference Platform
NETARIUM-2V2 ADVANTECH-NETARIUM-2V2_14 Datasheet
1Mb / 2P
3U 2-Slot AdvancedTCA 3U 2-Slot AdvancedTCA with Advantech Shelf Manager support
NETARIUM-6V2 ADVANTECH-NETARIUM-6V2_14 Datasheet
2Mb / 2P
6U 6-Slot AdvancedTCA Reference Systems with Advantech Shelf Manager support
NETARIUM-14 ADVANTECH-NETARIUM-14_14 Datasheet
1Mb / 2P
14U 14-Slot AdvancedTCA Reference Systems
logo
Adlink Technology Inc.
ATCA-80302PD ADLINK-ATCA-80302PD Datasheet
249Kb / 2P
3U 2-slot Full-Mesh 40G AdvancedTCA Shelf
ATCA-80606PA ADLINK-ATCA-80606PA Datasheet
199Kb / 2P
6U 6-slot Dual-Star 40G AdvancedTCA짰 Shelf
ATCA-80606PD ADLINK-ATCA-80606PD Datasheet
223Kb / 2P
6U 6-slot Dual-Star 40G AdvancedTCA Shelf
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com