Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1202ACAP Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1202ACAP
Description  5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1202ACAP Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1202ACAP Datasheet HTML 14Page - Maxim Integrated Products MAX1202ACAP Datasheet HTML 15Page - Maxim Integrated Products MAX1202ACAP Datasheet HTML 16Page - Maxim Integrated Products MAX1202ACAP Datasheet HTML 17Page - Maxim Integrated Products MAX1202ACAP Datasheet HTML 18Page - Maxim Integrated Products MAX1202ACAP Datasheet HTML 19Page - Maxim Integrated Products MAX1202ACAP Datasheet HTML 20Page - Maxim Integrated Products MAX1202ACAP Datasheet HTML 21Page - Maxim Integrated Products MAX1202ACAP Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
5V, 8-Channel, Serial, 12-Bit ADCs
with 3V Digital Interface
18
______________________________________________________________________________________
Table 6. Software Shutdown
and Clock Mode
Table 5. Typical Power-Up Delay Times
Table 7. Hard-Wired Shutdown
and Compensation Mode
Figure 12a. Timing Diagram for Power-Down Modes, External Clock
POWERED UP
FULL
POWER-
DOWN
POWERED
UP
POWERED UP
DATA VALID
(12 DATA BITS)
DATA VALID
(12 DATA BITS)
DATA
INVALID
EXTERNAL
EXTERNAL
INTERNAL
SX XXXX 11
S
0 1
XX
X
X
X
X X XXX
S1 1
FAST
POWER-DOWN
MODE
DOUT
DIN
CLOCK
MODE
SHDN
SETS EXTERNAL
CLOCK MODE
SETS EXTERNAL
CLOCK MODE
SETS FAST
POWER-DOWN
MODE
133
2
Full
Disabled
133
2
Fast
Disabled
133
26
26
MAXIMUM
SAMPLING RATE
(ksps)
See Figure 14c
300
5
POWER-UP
DELAY
(µs)
Fast/Full
Full
Fast
POWER-DOWN
MODE
4.7
REF
CAPACITOR
(µF)
External
Enabled
REFERENCE
BUFFER
Internal
Enabled
Internal
Enabled
REFERENCE-BUFFER
COMPENSATION MODE
N/A
Full
Power-Down
GND
S
SH
HD
DN
N
STATE
External compensation
Enabled
Floating
Internal compensation
Enabled
VDD
REFERENCE-BUFFER
COMPENSATION
DEVICE
MODE
External clock mode
1
1
Internal clock mode
0
1
PD1
Fast power-down mode
1
0
Full power-down mode
0
0
DEVICE MODE
PD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com