Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS4064DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGS4064DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4064DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRGS4064DPBF Datasheet HTML 1Page - International Rectifier IRGS4064DPBF Datasheet HTML 2Page - International Rectifier IRGS4064DPBF Datasheet HTML 3Page - International Rectifier IRGS4064DPBF Datasheet HTML 4Page - International Rectifier IRGS4064DPBF Datasheet HTML 5Page - International Rectifier IRGS4064DPBF Datasheet HTML 6Page - International Rectifier IRGS4064DPBF Datasheet HTML 7Page - International Rectifier IRGS4064DPBF Datasheet HTML 8Page - International Rectifier IRGS4064DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRGS4064DPbF
2
www.irf.com
Notes:
VCC = 80% (VCES), VGE = 15V, L = 28 μH, RG = 22 Ω.
‚ Pulse width limited by max. junction temperature.
ƒRθ is measured at TJ approximately 90°C
„Refer to AN-1086 for guidelines for measuring V(BR)CES safely
… Maximum limits are based on statistical sample size characterization
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ.
Max.
Units
Conditions
Ref.Fig
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
—
—
V
VGE = 0V, IC = 100μA
f
ΔV(BR)CES/ΔTJ Temperature Coeff. of Breakdown Voltage
—
0.47
—
V/°C
VGE = 0V, IC = 500μA (25°C-175°C)
—1.6
1.91
IC = 10A, VGE = 15V, TJ = 25°C
VCE(on)
Collector-to-Emitter Saturation Voltage
—
1.9
—
V
IC = 10A, VGE = 15V, TJ = 150°C
5,6,7,9,
—2.0
—
IC = 10A, VGE = 15V, TJ = 175°C
10 ,11
VGE(th)
Gate Threshold Voltage
4.0
—
6.5
V
VCE = VGE, IC = 275μA
ΔVGE(th)/ΔTJ
Threshold Voltage temp. coefficient
—
-11
—
mV/°C VCE = VGE, IC = 1.0mA (25°C - 175°C)
gfe
Forward Transconductance
—
6.9
—
S
VCE = 50V, IC = 10A, PW = 80μs
ICES
Collector-to-Emitter Leakage Current
—
—
25
μAVGE = 0V, VCE = 600V
—328
—
VGE = 0V, VCE = 600V, TJ = 175°C
8
VFM
Diode Forward Voltage Drop
—
2.5
3.1
V
IF = 10A
—1.7
—
IF = 10A, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
—
—
±100
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ.
Max.g Units
Ref .F ig
Qg
Total Gate Charge (turn-on)
—
21
32
IC = 10A
24
Qge
Gate-to-Emitter Charge (turn-on)
—
5.3
8.0
nC
VGE = 15V
CT 1
Qgc
Gate-to-Collector Charge (turn-on)
—
8.9
13
VCC = 400V
Eon
Turn-On Switching Loss
—
29
40
IC = 10A, VCC = 400V, VGE = 15V
Eoff
Turn-Off Switching Loss
—
200
281
μJRG = 22
Ω, L = 1.0mH, TJ = 25°C
CT 4
Etotal
Total Switching Loss
—
229
313
E nergylos s es include tail &dioderevers e recovery
td(on)
Turn-On delay time
—
27
37
IC = 10A, VCC = 400V, VGE = 15V
tr
Rise time
—
15
23
ns
RG = 22
Ω, L = 1.0mH, TJ = 25°C
CT 4
td(off)
Turn-Off delay time
—
79
90
tf
Fall time
—
21
29
Eon
Turn-On Switching Loss
—
99
—
IC = 10A, VCC = 400V, VGE = 15V
13,15
Eoff
Turn-Off Switching Loss
—
316
—
μJRG=22
Ω, L=1.0mH, TJ = 175°C fÃ
CT 4
Etotal
Total Switching Loss
—
415
—
E nergylos s es include tail &dioderevers e recovery
WF 1,WF 2
td(on)
Turn-On delay time
—
27
—
IC = 10A, VCC = 400V, VGE = 15V
14,16
tr
Rise time
—
16
—
ns
RG = 22
Ω, L = 1.0mH, TJ = 175°C
CT 4
td(off)
Turn-Off delay time
—
98
—
WF 1,WF 2
tf
Fall time
—
33
—
Cies
Input Capacitance
—
594
—
pF
VGE = 0V
22
Coes
Output Capacitance
—
49
—
VCC = 30V
Cres
Reverse Transfer Capacitance
—
17
—
f = 1.0Mhz
TJ = 175°C, IC = 40A
4
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 480V, Vp =600V
CT 2
Rg = 22
Ω, VGE = +15V to 0V
SCSOA
Short Circuit Safe Operating Area
5
—
—
μsVCC = 400V, Vp =600V
22, CT 3
Rg = 22
Ω, VGE = +15V to 0V
WF 4
Erec
Reverse Recovery Energy of the Diode
—
191
—
μJTJ = 175°C
17,18,19
trr
Diode Reverse Recovery Time
—
62
—
ns
VCC = 400V, IF = 10A
20,21
Irr
Peak Reverse Recovery Current
—
16
—
A
VGE = 15V, Rg = 22
Ω, L=1.0mH
WF 3
CT 6
9,10,11,12
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com