Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS4610DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGS4610DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4610DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRGS4610DPBF Datasheet HTML 1Page - International Rectifier IRGS4610DPBF Datasheet HTML 2Page - International Rectifier IRGS4610DPBF Datasheet HTML 3Page - International Rectifier IRGS4610DPBF Datasheet HTML 4Page - International Rectifier IRGS4610DPBF Datasheet HTML 5Page - International Rectifier IRGS4610DPBF Datasheet HTML 6Page - International Rectifier IRGS4610DPBF Datasheet HTML 7Page - International Rectifier IRGS4610DPBF Datasheet HTML 8Page - International Rectifier IRGS4610DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IRGR/S/B4610DPbF
2
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
November 14, 2014
Notes:
 VCC = 80% (VCES), VGE = 20V, L = 1.0mH, RG = 100Ω.
‚ Rθ is measured at TJ approximately 90°C.
ƒ Refer to AN-1086 for guidelines for measuring V
(BR)CES safely.
„ Pulse width limited by max. junction temperature.
… Values influenced by parasitic L and C in measurement
† When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques refer to application
note #AN-994: http://www.irf.com/technical-info/appnotes/an-994.pdf
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC
Thermal Resistance, Junction-to-Case -(IGBT)d
–––
–––
1.9
RθJC
Thermal Resistance, Junction-to-Case -(Diode)d
–––
–––
6.3
RθCS
Thermal Resistance, Case-to-Sink (flat, greased surface) (TO-220)
–––
0.5
–––
Thermal Resistance, Junction-to-Ambient (PCB mount) (D-PAK)h
–––
–––
50
Thermal Resistance, Junction-to-Ambient (D-PAK)
–––
–––
110
Thermal Resistance, Junction-to-Ambient (PCB mount, Steady State)
(D
2PAK)h
–––
–––
40
Thermal Resistance, Junction-to-Ambient ( Socket mount) (TO-220)
–––
–––
62
RθJA
°C/W
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
—
—
V
VGE = 0V, Ic =100 μA e
ΔV(BR)CES/ΔTJ Temperature Coeff. of Breakdown Voltage
—
0.36
—
V/°C VGE = 0V, Ic = 250μA ( 25 -175
oC )
—1.7
2.0
IC = 6.0A, VGE = 15V, TJ = 25°C
VCE(on)
Collector-to-Emitter Saturation Voltage
—
2.07
—
V
IC = 6.0A, VGE = 15V, TJ = 150°C
—2.14
—
IC = 6.0A, VGE = 15V, TJ = 175°C
VGE(th)
Gate Threshold Voltage
4.0
—
6.5
V
VCE = VGE, IC = 150μA
ΔVGE(th)/ΔTJ Threshold Voltage temp. coefficient
—
-13
—mV/°C VCE = VGE, IC = 250μA ( 25 -175
oC )
gfe
Forward Transconductance
—
5.8
—
S
VCE = 25V, IC = 6.0A, PW =80μS
ICES
——
25
μAVGE = 0V,VCE = 600V
——
250
VGE = 0V, VCE = 600V, TJ =175°C
VFM
—1.60
2.30
V
IF = 6.0A
—1.30
—
IF = 6.0A, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
—
—
±100
nA
VGE = ± 20 V
Diode Forward Voltage Drop
Collector-to-Emitter Leakage Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com