Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS4615DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGS4615DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4615DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRGS4615DPBF Datasheet HTML 1Page - International Rectifier IRGS4615DPBF Datasheet HTML 2Page - International Rectifier IRGS4615DPBF Datasheet HTML 3Page - International Rectifier IRGS4615DPBF Datasheet HTML 4Page - International Rectifier IRGS4615DPBF Datasheet HTML 5Page - International Rectifier IRGS4615DPBF Datasheet HTML 6Page - International Rectifier IRGS4615DPBF Datasheet HTML 7Page - International Rectifier IRGS4615DPBF Datasheet HTML 8Page - International Rectifier IRGS4615DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IRGS/B4615DPbF
2
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
November 14, 2014
Notes:
 VCC = 80% (VCES), VGE = 20V, L = 100 μH, RG = 47 Ω.
‚ Rθ is measured at TJ approximately 90°C.
ƒ Refer to AN-1086 for guidelines for measuring V
(BR)CES safely.
„ Pulse width limited by max. junction temperature.
… Values influenced by parasitic L and C in measurement
† When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques refer to application
note #AN-994: http://www.irf.com/technical-info/appnotes/an-994.pdf
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
—
—
V
VGE = 0V, Ic =100 μA e
ΔV(BR)CES/ΔTJ Temperature Coeff. of Breakdown Voltage —
0.3
—
V/°C VGE = 0V, Ic = 250μA ( 25 -175
oC )
—1.55
1.85
IC = 8.0A, VGE = 15V, TJ = 25°C
VCE(on)
Collector-to-Emitter Saturation Voltage
—
1.95
—
V
IC = 8.0A, VGE = 15V, TJ = 150°C
—2.00
—
IC = 8.0A, VGE = 15V, TJ = 175°C
VGE(th)
Gate Threshold Voltage
4.0
—
6.5
V
VCE = VGE, IC = 250μA
ΔVGE(th)/ΔTJ Threshold Voltage temp. coefficient
—
-18
—mV/°C VCE = VGE, IC = 250μA ( 25 -175
oC )
gfe
Forward Transconductance
—
5.6
—
S
VCE = 50V, IC = 8.0A, PW =80μs
ICES
——
25
μA
VGE = 0V,VCE = 600V
—400
—
VGE = 0V, VCE = 600V, TJ =175°C
VFM
—
1.80
2.8
V
IF = 8.0A
—1.30
—
IF = 8.0A, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
—
—
±100
nA
VGE = ± 20 V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Qg
Total Gate Charge (turn-on)
—
19
—
IC = 8.0A
Qge
Gate-to-Emitter Charge (turn-on)
—
5
—
nC
VCC = 400V
Qgc
Gate-to-Collector Charge (turn-on)
—
8
—
VGE = 15V
Eon
Turn-On Switching Loss
—
70
—
IC = 8.0A, VCC = 400V, VGE = 15V
Eoff
Turn-Off Switching Loss
—
145
—
μJRG = 47Ω, L=1mH, LS= 150nH, TJ = 25°C
Etotal
Total Switching Loss
—
215
—
Energy losses include tail and diode reverse recovery
g
td(on)
Turn-On delay time
—
30
—
IC = 8.0A, VCC = 400V
tr
Rise time
—
15
—ns
RG = 47Ω, L=1mH, LS= 150nH
td(off)
Turn-Off delay time
—
95
—TJ = 25°C
tf
Fall time
—
20
—
Eon
Turn-On Switching Loss
—
165
—
IC = 8.0A, VCC = 400V, VGE = 15V
Eoff
Turn-Off Switching Loss
—
240
—
μJ
RG = 47Ω, L=1mH, LS= 150nH, TJ = 175°C
Etotal
Total Switching Loss
—
405
—
Energy losses include tail and diode reverse recovery
g
td(on)
Turn-On delay time
—
28
—
IC = 8.0A, VCC = 400V
tr
Rise time
—
17
—ns
RG = 47Ω, L=1mH, LS= 150nH
td(off)
Turn-Off delay time
—
117
—TJ = 175°C
tf
Fall time
—
35
—
Cies
Input Capacitance
—
535
—
VGE = 0V
Coes
Output Capacitance
—
45
—
VCC = 30V
Cres
Reverse Transfer Capacitance
—
15
—
f = 1Mhz
TJ = 175°C, IC = 32A
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 480V, Vp =600V
RG = 47Ω, VGE = +20V to 0V
VCC = 400V, Vp =600V
RG = 47Ω, VGE = +15V to 0V
Erec
Reverse recovery energy of the diode
—
165
—
μJ
TJ = 175
oC
trr
Diode Reverse recovery time
—
60
—
ns
VCC = 400V, IF = 8.0A
Irr
Peak Reverse Recovery Current
—
14
—
A
VGE = 15V, Rg = 47Ω, L=1mH, LS=150nH
Diode Forward Voltage Drop
Collector-to-Emitter Leakage Current
SCSOA
Short Circuit Safe Operating Area
—
5
μs
pF
Conditions
—
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC
Thermal Resistance, Junction-to-Case -(each IGBT)
d
–––
–––
1.51
RθJC
Thermal Resistance, Junction-to-Case -(each Diode)
d
–––
–––
3.66
RθCS
Thermal Resistance, Case-to-Sink (flat, greased surface)
–––
0.5
–––
Thermal Resistance, Junction-to-Ambient (PCB mount D2PAK)
h
–––
–––
40
Thermal Resistance, Junction-to-Ambient ( Socket mount: TO-220)
–––
–––
62
RθJA
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com