Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS4620DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGS4620DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4620DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRGS4620DPBF Datasheet HTML 1Page - International Rectifier IRGS4620DPBF Datasheet HTML 2Page - International Rectifier IRGS4620DPBF Datasheet HTML 3Page - International Rectifier IRGS4620DPBF Datasheet HTML 4Page - International Rectifier IRGS4620DPBF Datasheet HTML 5Page - International Rectifier IRGS4620DPBF Datasheet HTML 6Page - International Rectifier IRGS4620DPBF Datasheet HTML 7Page - International Rectifier IRGS4620DPBF Datasheet HTML 8Page - International Rectifier IRGS4620DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
IRGS/B/P4620D/EPbF
2
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 14, 2014
Thermal Resistance
Parameter
Min.
Typ.
Max. Units
RθJC (IGBT)
Thermal Resistance Junction-to-Case (D2Pak, TO-220) 
–––
–––
1.07
°C/W
RθCS
Thermal Resistance, Case-to-Sink (flat, greased surface)
–––
0.50
–––
RθJA
Thermal Resistance, Junction-to-Ambient (PCB Mount - D2Pak) 
–––
–––
40
RθJC (Diode) Thermal Resistance Junction-to-Case (D
2Pak, TO-220) 
–––
–––
3.66
Thermal Resistance Junction-to-Case (TO-247) 
–––
–––
1.12
Thermal Resistance Junction-to-Case (TO-247) 
–––
–––
3.71
Thermal Resistance, Junction-to-Ambient (Socket Mount –TO-247)
–––
–––
40
Thermal Resistance, Junction-to-Ambient (Socket Mount –TO-220)
–––
–––
62
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
—
—
V
VGE = 0V, IC = 100µA 
ΔV(BR)CES/ΔTJ Temperature Coeff. of Breakdown Voltage
—
0.40
—
V/°C VGE = 0V, IC = 1mA (25°C-175°C)
VCE(on)
Collector-to-Emitter Saturation Voltage
—
1.55
1.85
IC = 12A, VGE = 15V, TJ = 25°C
—
1.90
—
IC = 12A, VGE = 15V, TJ = 150°C
VGE(th)
Gate Threshold Voltage
4.0
—
6.5
V
VCE = VGE, IC = 350µA
ΔVGE(th)/ΔTJ
Threshold Voltage Temp. Coefficient
—
-18
—
mV/°C VCE = VGE, IC = 1.0mA (25°C-175°C)
gfe
Forward Transconductance
—
7.7
—
S
VCE = 50V, IC = 12A, PW = 80µs
ICES
Collector-to-Emitter Leakage Current
—
2.0
—
µA
VGE = 0V, VCE = 600V
—
475
—
VGE = 0V, VCE = 600V, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
—
—
±100
nA
VGE = ±20V
VFM
Diode Forward Voltage Drop
—
2.1
3.1
V
IF = 12A
—
1.6
—
IF = 12A, TJ = 175°C
—
1.97
—
IC = 12A, VGE = 15V, TJ = 175°C
V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max
Units
Conditions
Qg
Total Gate Charge
—
25
—
nC
IC = 12A
Qge
Gate-to-Emitter Charge
—
7.0
—
VGE = 15V
Qgc
Gate-to-Collector Charge
—
11
—
VCC = 400V
Eon
Turn-On Switching Loss
—
75
—
µJ
IC = 12A, VCC = 400V, VGE=15V
RG = 22
Ω, L = 200µH, LS = 150nH,
TJ = 25°C
Energy losses include tail & diode
reverse recovery 
Eoff
Turn-Off Switching Loss
—
225
—
Etotal
Total Switching Loss
—
300
—
td(on)
Turn-On delay time
—
31
—
ns
tr
Rise time
—
17
—
td(off)
Turn-Off delay time
—
83
—
tf
Fall time
—
24
—
Eon
Turn-On Switching Loss
—
185
—
µJ
IC = 12A, VCC = 400V, VGE=15V
RG = 22
Ω, L = 200µH, LS = 150nH,
TJ = 175°C
Energy losses include tail & diode
reverse recovery 
Eoff
Turn-Off Switching Loss
—
355
—
Etotal
Total Switching Loss
—
540
—
td(on)
Turn-On delay time
—
30
—
ns
tr
Rise time
—
18
—
td(off)
Turn-Off delay time
—
102
—
tf
Fall time
—
41
—
Cies
Input Capacitance
—
765
—
VGE = 0V
Coes
Output Capacitance
—
52
—
pF
VCC = 30V
Cres
Reverse Transfer Capacitance
—
23
—
f = 1.0MHz
RBSOA
Reverse Bias Safe Operating Area
TJ = 175°C, IC = 48A
FULL SQUARE
VCC = 480V, Vp ≤ 600V
RG = 22Ω, VGE = +20V to 0V
SCSOA
Short Circuit Safe Operating Area
5.0
—
—
µs
VCC = 400V, Vp ≤ 600V
RG = 22Ω, VGE = +15V to 0V
Erec
Reverse Recovery Energy of the Diode
—
280
—
µJ
TJ = 175°C
trr
Diode Reverse Recovery Time
—
68
—
ns
VCC = 400V, IF = 12A, VGE = 15V,
Irr
Peak Reverse Recovery Current
—
19
—
A
Rg = 22
Ω, L = 200µH, LS = 150nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com