Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS4630DPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRGS4630DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4630DPBF Datasheet(HTML) 1 Page - International Rectifier

  IRGS4630DPBF Datasheet HTML 1Page - International Rectifier IRGS4630DPBF Datasheet HTML 2Page - International Rectifier IRGS4630DPBF Datasheet HTML 3Page - International Rectifier IRGS4630DPBF Datasheet HTML 4Page - International Rectifier IRGS4630DPBF Datasheet HTML 5Page - International Rectifier IRGS4630DPBF Datasheet HTML 6Page - International Rectifier IRGS4630DPBF Datasheet HTML 7Page - International Rectifier IRGS4630DPBF Datasheet HTML 8Page - International Rectifier IRGS4630DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 18, 2014
IRGS4630DPbF
IRGB4630DPbF
IRGP4630D(-E)PbF
Base part number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
Tube
50
IRGS4630DPbF
IRGS4630DPbF
D2Pak
Tape and Reel Right
800
IRGS4630DTRRPbF
Tape and Reel Left
800
IRGS4630DTRLPbF
IRGB4630DPbF
TO-220AB
Tube
50
IRGB4630DPbF
IRGP4630DPbF
TO-247AC
Tube
25
IRGP4630DPbF
IRGP4630D-EPbF
TO-247AD
Tube
25
IRGP4630D-EPbF
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
47
A
IC @ TC = 100°C
Continuous Collector Current
30
ICM
Pulse Collector Current, VGE=15V
54
ILM
Clamped Inductive Load Current, VGE=20V 
72
IF @ TC = 25°C
Diode Continuous Forward Current
30
IF @ TC = 100°C
Diode Continuous Forward Current
18
VGE
Continuous Gate-to-Emitter Voltage
±20
V
PD @ TC = 25°C
Maximum Power Dissipation
206
W
PD @ TC = 100°C
Maximum Power Dissipation
103
TJ
Operating Junction and
-40 to +175
C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 sec. (1.6mm from case)
300
Mounting Torque, 6-32 or M3 Screw (TO-220, TO-247)
10 lbf·in (1.1 N·m)
IFM
Diode Maximum Forward Current 
72
Transient Gate to Emitter Voltage
±30
VCES = 600V
IC = 30A, TC =100°C
tSC
≥ 5µs, TJ(max) = 175°C
VCE(ON) typ. = 1.65V @ IC = 18A
Applications
•
Appliance Drives
•
Inverters
•
UPS
Features
Benefits
Low VCE(ON) and switching losses
High efficiency in a wide range of applications and switching
Square RBSOA and maximum junction temperature 175°C
Improved reliability due to rugged hard switching
performance and high power capability
Positive VCE (ON) temperature coefficient and tight distribution
of parameters
Excellent current sharing in parallel operation
5µs Short Circuit SOA
Enables short circuit protection scheme
Lead-Free, RoHS Compliant
Environmentally friendly
Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
G
C
E
Gate
Collector
Emitter
IRGP4630D-EPbF
TO-247AD
IRGP4630DPbF
TO-247AC
E
G
n-channel
C
C
E
G
C
IRGS4630DPbF
D2Pak
C
E
G
C
IRGB4630DPbF
TO-220AC
Notes  through  are on page 7
C
C
C
E
G
C
E
G


Similar Part No. - IRGS4630DPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRGS4630DPbF INFINEON-IRGS4630DPbF Datasheet
1Mb / 17P
Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
2015-11-23
More results

Similar Description - IRGS4630DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10SDPBF IRF-IRG4BC10SDPBF Datasheet
267Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4IBC20KDPBF IRF-IRG4IBC20KDPBF Datasheet
278Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH30KDPBF IRF-IRG4PH30KDPBF Datasheet
468Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB10B60KD1P IRF-IRGIB10B60KD1P Datasheet
452Kb / 13P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2PBF IRF-IRGR3B60KD2PBF Datasheet
317Kb / 14P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40UDPBF IRF-IRG4PC40UDPBF Datasheet
3Mb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PSH71UDPBF IRF-IRG4PSH71UDPBF Datasheet
239Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com