Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS45AL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAS45AL
Description  Low-leakage diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS45AL Datasheet(HTML) 2 Page - NXP Semiconductors

  BAS45AL_15 Datasheet HTML 1Page - NXP Semiconductors BAS45AL_15 Datasheet HTML 2Page - NXP Semiconductors BAS45AL_15 Datasheet HTML 3Page - NXP Semiconductors BAS45AL_15 Datasheet HTML 4Page - NXP Semiconductors BAS45AL_15 Datasheet HTML 5Page - NXP Semiconductors BAS45AL_15 Datasheet HTML 6Page - NXP Semiconductors BAS45AL_15 Datasheet HTML 7Page - NXP Semiconductors BAS45AL_15 Datasheet HTML 8Page - NXP Semiconductors BAS45AL_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BAS45AL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 5 — 6 August 2010
2 of 11
NXP Semiconductors
BAS45AL
Low-leakage diode
3.
Ordering information
4.
Marking
5.
Limiting values
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Tj =25
°C prior to surge.
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BAS45AL
-
hermetically sealed glass surface-mounted package;
2 connectors
SOD80C
Table 4.
Marking codes
Type number
Marking code
BAS45AL
marking band
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
-125
V
VR
reverse voltage
-
125
V
IF
forward current
[1] -250
mA
IFRM
repetitive peak forward
current
-625
mA
IFSM
non-repetitive peak
forward current
square wave
[2]
tp =1
μs-
4
A
tp =1 ms
-
1
A
tp =1 s
-
0.5
A
Ptot
total power dissipation
Tamb
≤ 25 °C
[1] -400
mW
Tj
junction temperature
-
175
°C
Tstg
storage temperature
−65
+175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com