Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS85 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAS85
Description  Schottky barrier diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS85 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAS85_15 Datasheet HTML 1Page - NXP Semiconductors BAS85_15 Datasheet HTML 2Page - NXP Semiconductors BAS85_15 Datasheet HTML 3Page - NXP Semiconductors BAS85_15 Datasheet HTML 4Page - NXP Semiconductors BAS85_15 Datasheet HTML 5Page - NXP Semiconductors BAS85_15 Datasheet HTML 6Page - NXP Semiconductors BAS85_15 Datasheet HTML 7Page - NXP Semiconductors BAS85_15 Datasheet HTML 8Page - NXP Semiconductors BAS85_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BAS85
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 6 — 10 September 2010
2 of 10
NXP Semiconductors
BAS85
Schottky barrier diode
2.
Pinning information
[1]
The marking band indicates the cathode.
3.
Ordering information
4.
Marking
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
ka
sym001
12
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BAS85
-
hermetically sealed glass surface-mounted package;
2 connectors
SOD80C
Table 4.
Marking codes
Type number
Marking code
BAS85
marking band
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
30
V
IF
forward current
-
200
mA
IF(AV)
average forward current
[1] -200
mA
IFRM
repetitive peak forward
current
tp ≤ 1s; δ≤ 0.5
-
300
mA
IFSM
non-repetitive peak
forward current
tp =10 ms
-
5
A
Tj
junction temperature
-
125
°C
Tamb
ambient temperature
−65
+125
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com