Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1245BC/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1245BC/D
Description  2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1245BC/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1245BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX1245BC/D Datasheet HTML 9Page - Maxim Integrated Products MAX1245BC/D Datasheet HTML 10Page - Maxim Integrated Products MAX1245BC/D Datasheet HTML 11Page - Maxim Integrated Products MAX1245BC/D Datasheet HTML 12Page - Maxim Integrated Products MAX1245BC/D Datasheet HTML 13Page - Maxim Integrated Products MAX1245BC/D Datasheet HTML 14Page - Maxim Integrated Products MAX1245BC/D Datasheet HTML 15Page - Maxim Integrated Products MAX1245BC/D Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
+2.375V, Low-Power, 8-Channel,
Serial 12-Bit ADC
12
______________________________________________________________________________________
Internal Clock
In internal clock mode, the MAX1245 generates its own
conversion clock internally. This frees the µP from the
burden of running the SAR conversion clock and allows
the conversion results to be read back at the proces-
sor’s convenience, at any clock rate from zero to
1.5MHz. SSTRB goes low at the start of the conversion
and then goes high when the conversion is complete.
SSTRB will be low for a maximum of 7.5µs (
SHDN =
FLOAT), during which time SCLK should remain low for
best noise performance.
An internal register stores data when the conversion is
in progress. SCLK clocks the data out of this register at
any time after the conversion is complete. After SSTRB
goes high, the next falling clock edge produces the
MSB of the conversion at DOUT, followed by the
remaining bits in MSB-first format (Figure 9).
CS does
not need to be held low once a conversion is started.
Pulling
CS high prevents data from being clocked into
the MAX1245 and three-states DOUT, but it does not
adversely affect an internal clock-mode conversion
already in progress. When internal clock mode is
• • •
• • •
• • •
• • •
tSDV
tSSTRB
PD0 CLOCKED IN
tSTR
SSTRB
SCLK
CS
tSSTRB
• • •
• • • •
•
Figure 8. External-Clock-Mode SSTRB Detailed Timing
• • •
• • •
• • •
• • •
CS
SCLK
DIN
DOUT
tCSH
tCSS
tCL
tDS
tDH
tDV
tCH
tDO
tTR
tCSH
Figure 7. Detailed Serial-Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com