Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1270ACAI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1270ACAI
Description  Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1270ACAI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1270ACAI Datasheet HTML 1Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 2Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 3Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 4Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 5Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 6Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 7Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 8Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Multirange, +5V, 8-Channel,
Serial 12-Bit ADCs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5.0V ±5%; unipolar/bipolar range; external reference mode, VREF = +4.096V; 4.7µF at REF; external clock; fCLK = 2.0MHz,
50% duty cycle (MAX127_B); fCLK = 1.8MHz, 50% duty cycle (MAX127_A); 18 clock/conversion cycle, TA = TMIN to TMAX, unless
otherwise noted. Typical values are TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INTERNAL REFERENCE
REF Output Voltage
VREF
TA = +25°C
4.076
4.096
4.116
V
MAX1270_C/MAX1271_C
±15
REF Output Tempco
TC VREF
MAX1270_E/MAX1271_E
±30
ppm/
°C
Output Short-Circuit Current
30
mA
Load Regulation
0 to 0.5mA output current (Note 5)
10
mV
Capacitive Bypass at REF
4.7
µF
Capacitive Bypass at REFADJ
0.01
µF
REFADJ Output Voltage
2.465
2.500
2.535
V
REFADJ Adjustment Range
Figure 1
±1.5
%
Buffer Voltage Gain
1.638
V/V
REFERENCE INPUT (Reference buffer disabled, reference input applied to REF)
Input Voltage Range
2.40
4.18
V
Normal or STBYPD
400
Input Current
VREF = 4.18V
FULLPD
1
µA
Normal or STBYPD
10
k
Ω
Input Resistance
VREF = 4.18V
FULLPD
4.18
M
Ω
REFADJ Threshold for Buffer
Disable
VDD -
0.5
V
POWER REQUIREMENT
Supply Voltage
VDD
4.75
5.25
V
Bipolar range
18
Normal
Unipolar range
6
10
mA
STBYPD power-down mode (Note 6)
700
850
Supply Current
IDD
FULLPD power-down mode
120
220
µA
External reference = 4.096V
±0.1
±0.5
Power-Supply Rejection
Ratio (Note 7)
PSRR
Internal reference
±0.5
LSB
TIMING
MAX127_A
0.1
1.8
External Clock Frequency Range
fSCLK
MAX127_B
0.1
2.0
MHz
MAX127_A
3.3
External clock mode
(Note 8)
MAX127_B
3.0
Acquisition Phase
Internal clock mode, Figure 9
3
5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com