Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA-655T6 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-655T6
Description  Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-655T6 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-655T6 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-655T6 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-655T6 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-655T6 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-655T6 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-655T6 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-655T6 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-655T6 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-655T6 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
MGA-655T6 Typical Performance (3.5 GHz Match)
TA = +25°C, Vdd = 3 V, Ids = 10 mA (Vbypass = 2.7 V),
RF measurement at 3. GHz, input signal = CW unless stated otherwise.
Figure 6. Id vs. Vbypass vs. temperature (Vdd = 3 V)
14
12
10
8
6
4
2
0
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
Vbypass (V)
-40°C
25°C
85°C
Figure 7. LNA mode S21, S11, S22, S12 vs. frequency
FREQUENCY (GHz)
S12
S21
S11
S22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com