Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA-85563 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-85563
Description  3-volt Low Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-85563 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-85563 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Thermal Resistance[2]:
θch to c = 155°C/W
Notes:
1. Operation of this device above any one
of these limits may cause permanent
damage.
2. TC = 25°C (TC is defined to be the
temperature at the package pins where
contact is made to the circuit board).
MGA-85563 Absolute Maximum Ratings
Absolute
Symbol
Parameter
Units
Maximum[1]
Vd, max
Maximum Device Voltage
V
5.5
Pin
CW RF Input Power
dBm
+13
Tch
Channel Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Electrical Specifications, T
C = 25°C, ZO = 50 Ω, Vd = 3 V, and using default of no external resistor at the Rbias pin
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
Std. Dev.[3]
Gtest
Gain in Test Circuit[1]
f = 2.0 GHz
dB
16
19
1.0
NFtest
Noise Figure in Test Circuit[1]
f = 2.0 GHz
dB
1.85
2.3
0.1
NFMIN
Minimum Noise Figure
f = 0.9 GHz
dB
1.6
(measured with Gopt presented to the
f = 1.5 GHz
1.6
input and 50 Ω presented to the output) f = 2.0 GHz
1.6
0.1
f = 2.4 GHz
1.6
f = 4.0 GHz
1.6
f = 5.0 GHz
1.6
f = 6.0 GHz
1.6
GA
Associated Gain at NFMIN
f = 0.9 GHz
dB
17.0
(measured with Gopt presented to the
f = 1.5 GHz
17.5
input and 50 Ω presented to the output) f = 2.0 GHz
18.0
1.0
f = 2.4 GHz
18.5
f = 4.0 GHz
17.5
f = 5.0 GHz
16.0
f = 6.0 GHz
14.5
IP3
Third Order Intercept Point
f = 0.9 GHz
dBm
13
(measured with 50 Ω presented
f = 1.5 GHz
13
to the input and output)
f = 2.0 GHz
11.5
1.2
f = 2.4 GHz
11.5
f = 4.0 GHz
13
f = 5.0 GHz
12.5
f = 6.0 GHz
12
P1 dB
Output Power at 1 dB Gain Compression f = 0.9 GHz
dBm
0.8
(measured with 50 Ω presented
f = 1.5 GHz
0.9
to the input and output)
f = 2.0 GHz
0.9
1.1
f = 2.4 GHz
1.0
f = 4.0 GHz
1.4
f = 5.0 GHz
1.3
f = 6.0 GHz
1.2
VSWRin
Input VSWR[2]
2.5:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com