Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-8151H-R3AE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FPM-8151H-R3AE
Description  15" XGA Industrial Monitor for Hazardous Location, with 316L Stainless Steel Front Panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-8151H-R3AE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FPM-8151H-R3AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-8151H-R3AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
422.00 [16.61]
68.00 [2.68]
8.00
[0.31]
390.00 [15.35]
100.00 [3.94]
75.00 [2.95]
M3
M3
M3
M3
M3
M3
M3
M3
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
FPM-8151H
Ordering Information
ƒ
FPM-8151H-R3AE
15" XGA Ind. Monitor VGA, DVI, Wide Temp
Accessories
ƒ
FPM-2150G-SMKE
Mounting kit for desktop stand & wall
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1702031836
Power Cable China/Australia Plug 1.8 M
ƒ
96PSA-A60W12V1-1
ADAPTER 100-240V57W12V4.75A W/O PFC
SPU63-105 L5
Panel Cut-out Dimensions: 396 x 296 mm (15.59" x 11.65")
I/O View
Touch Screen (RS-232)
VGA Port
DVI-D
Touch Screen (USB)
100 ~ 240 VAC Power Adapter
24 VDC Input
Dimensions
Unit: mm [inch]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com