Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1271AEAI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1271AEAI
Description  Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1271AEAI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1271AEAI Datasheet HTML 1Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 2Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 3Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 4Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Multirange, +5V, 8-Channel,
Serial 12-Bit ADCs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5.0V ±5%; unipolar/bipolar range; external reference mode, VREF = +4.096V; 4.7µF at REF; external clock; fCLK = 2.0MHz,
50% duty cycle (MAX127_B); fCLK = 1.8MHz, 50% duty cycle (MAX127_A); 18 clock/conversion cycle, TA = TMIN to TMAX, unless
otherwise noted. Typical values are TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND............................................................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
CH0–CH7 to AGND ......................................................... ±16.5V
REF, REFADJ to AGND ..............................-0.3V to (VDD + 0.3V)
SSTRB, DOUT to DGND.............................-0.3V to (VDD + 0.3V)
SHDN, CS, DIN, SCLK to DGND..............................-0.3V to +6V
Max Current into Any Pin ....................................................50mA
Continuous Power Dissipation (TA = +70°C)
24-Pin Narrow DIP (derate 13.33mW/°C above +70°C)..1067mW
28-Pin SSOP (derate 9.52mW/°C above +70°C) ..........762mW
Operating Temperature Ranges
MAX127_C_ _......................................................0°C to +70°C
MAX127_E_ _......................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ACCURACY (Note 1)
Resolution
12
Bits
MAX127_A
±0.5
Integral Nonlinearity
INL
MAX127_B
±1.0
LSB
Differential Nonlinearity
DNL
No missing codes over temperature
±1
LSB
MAX127_A
±3
Unipolar
MAX127_B
±5
MAX127_A
±5
Offset Error
Bipolar
MAX127_B
±10
LSB
Unipolar
±0.1
Channel-to-Channel Offset Error
Matching
Bipolar
±0.3
LSB
MAX127_A
±7
Unipolar
MAX127_B
±10
MAX127_A
±7
Gain Error (Note 2)
Bipolar
MAX127_B
±10
LSB
Unipolar, external reference
±3
Gain Error Temperature
Coefficient (Note 2)
Bipolar, external reference
±5
ppm/°C
DYNAMIC SPECIFICATIONS (10kHz sine-wave input, ±10VP-P (MAX1270), or ±4.096VP-P (MAX1271), fSAMPLE = 110ksps
(MAX127_B), fSAMPLE = 100ksps (MAX127_A))
Signal-to-Noise + Distortion Ratio
SINAD
70
dB
Total Harmonic Distortion
THD
Up to the 5th harmonic
-87
-78
dB
Spurious-Free Dynamic Range
SFDR
80
dB
50kHz (Note 3)
-86
Channel-to-Channel Crosstalk
DC, VIN = ±16.5V
-96
dB
Aperture Delay
External clock mode
15
ns
External clock mode
<50
ps
Aperture Jitter
Internal clock mode
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com