Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCLS024B-M7 Datasheet(PDF) 4 Page - NICHIA CORPORATION

Part # NTCLS024B-M7
Description  Built-in ESD Protection Device
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NTCLS024B-M7 Datasheet(HTML) 4 Page - NICHIA CORPORATION

  NTCLS024B-M7 Datasheet HTML 1Page - NICHIA CORPORATION NTCLS024B-M7 Datasheet HTML 2Page - NICHIA CORPORATION NTCLS024B-M7 Datasheet HTML 3Page - NICHIA CORPORATION NTCLS024B-M7 Datasheet HTML 4Page - NICHIA CORPORATION NTCLS024B-M7 Datasheet HTML 5Page - NICHIA CORPORATION NTCLS024B-M7 Datasheet HTML 6Page - NICHIA CORPORATION NTCLS024B-M7 Datasheet HTML 7Page - NICHIA CORPORATION NTCLS024B-M7 Datasheet HTML 8Page - NICHIA CORPORATION NTCLS024B-M7 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NICHIA STS-DA1-3444 <Cat.No.150128>
3
CHROMATICITY DIAGRAM
3000K
3500K
4000K
0.25
0.30
0.35
0.40
0.45
0.50
0.30
0.35
0.40
0.45
0.50
0.55
x
sm303j
sm403j
sm323j
sm353j
黒体放射軌跡
Blackbody Locus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com