Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC60 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # MSC60
Description  Switching Power Modules for PCB Mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MSC60 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  MSC60 Datasheet HTML 1Page - Arch Electronics Corp. MSC60 Datasheet HTML 2Page - Arch Electronics Corp. MSC60 Datasheet HTML 3Page - Arch Electronics Corp. MSC60 Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VER : A_1
update : 2015.03.09
AC-DC Power Module
MSC60 SERIES
60 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
( Single Output )
MSC60-5S
MSC60-9S
MSC60-12S
MSC60-15S
MSC60-24S
Safety
Approval
cUL/UL 60950-1,
ANSI/AAMI ES 60601-1: 2005, 1st Edition and CAN/CSA-C22.2 No. 60601-1:08, 2nd Edition,
2XMOPP (Pending)
Conducted and radiated EMI
EN55011 (Pending)
ESD
EN61000-4-2 air ± 8kV , Contact ± 4kV
Pending
Radiated Immunity
EN61000-4-3 10V/m
Pending
Fast Transient
EN61000-4-4 ± 2kV
Pending
Surge
EN61000-4-5 ±1kV
Pending
Conducted Immunity
EN61000-4-6 10Vrms
Pending
PFMF
EN61000-4-8 30A/m
Pending
Dips
EN61000-4-11 30% 10ms
Pending
EMC
Interruption
EN61000-4-11 >95% 5000ms
Pending
NOTE
1. This product is not designed for use in critical life support systems, equipment used in hazardous environment,
nuclear control systems or other such applications which necessitate specific safety and regulatory standards
other the ones listed in this datasheet.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
3. Safety approvals cover frequency 47-63 Hz.
4. That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
5. It's recommended to add Varistor 14S471K at L / N input side in parallel.
6. Please refer to our PDF file "AC-DC Application" on our website: www.archcorp.com.tw
MECHANICAL DIMENSION
( Top View )
PIN#
Single
1
AC IN (L)
2
AC IN (N)
3
+DC OUT
4
NO PIN
5
-DC OUT
6
NO PIN
7
NO CONNECT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com