Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC30 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # MTC30
Description  Switching Power Module for PCB Mountable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MTC30 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  MTC30 Datasheet HTML 1Page - Arch Electronics Corp. MTC30 Datasheet HTML 2Page - Arch Electronics Corp. MTC30 Datasheet HTML 3Page - Arch Electronics Corp. MTC30 Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VER : A_1
update : 2015.03.09
AC-DC Power Module
MTC30 SERIES
30 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
( Single Output )
MTC30-5S
MTC30-12S
MTC30-15S
MTC30-24S
Max Output Wattage (W)
25W
30W
30W
30W
Voltage
(Note1)
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-440 Hz
Current (Full load)
600 mA max. (115 VAC) / 400 mA max. (230 VAC)
Inrush Current (<2ms)
30 A max. (115 VAC) / 60 A max. (230 VAC)
Leakage Current
< 0.1mA / 264 VAC (Touch Current)
No Load Input Power (<240 VAC)
<0.1W
Input
External Fuse (recommend)
3.15 A slow blow type
Voltage (V.DC.)
5V
12V
15V
24V
Voltage Accuracy
±2%
Current (mA) max
5000
2500
2000
1250
Line Regulation (LL-HL) (typ.)
±0.5%
Load Regulation (10-100%) (typ.)
±1%
Maximum Capacitive Load (at 230 VAC)
6800uF
1600uF
1200uF
470uF
Ripple & Noise (max.)
(Note2)
100mVp-p
150mVp-p
150mVp-p
240mVp-p
Efficiency (at 230 VAC)
84%
89%
87%
86%
Output
Hold-up Time
10 ms min.
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (V.AC)
4000V
Operating Temperature
-40°C…+80°C
Storage Temperature
-40°C…+90°C
Temperature Coefficient
±0.05%/°C
Altitude During Operation
5000m
Humidity
up to 95% RH
MTBF
>250,000 h @ 25°C (MIL-HDBK-217F)
Environment
Atmospheric Pressure
70 kPa to 106 kPa
Dimension (L x W x H)
2.52 x 1.77 x 0.92 Inches
( 64.0 x 45.0 x 23.5 mm ) Tolerance
0.5 mm
Case Material
Plastic resin with Fiberglass (flammability to UL 94V-0)
Weight
130 g (Pending)
Physical
Cooling Method
Free air convection
KEY FEATURES
 Switching Power Module for PCB Mountable
 Fully Encapsulated Plastic Case
 Isolation Class II
 <0.1W No Load Input Power
 Very Small 1.77” x 2.52” x 0.92 “ Package
 Screw Terminal and Din Rail Kit For Optional
 CE, CB, UL, cUL Approval
 3-Year Product Warranty
(Pending)


Similar Part No. - MTC30

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
MTC30 XPPOWER-MTC30 Datasheet
9Mb / 36P
COTS Component for Defense & Avionics Applications
logo
Arch Electronics Corp.
MTC30 ARCH-MTC30 Datasheet
204Kb / 3P
AC - D C I T E & M e d i c a l P o w e r M o d u l e
MTC30-12S ARCH-MTC30-12S Datasheet
189Kb / 3P
Switching Power Module for PCB Mountable
MTC30-12S ARCH-MTC30-12S Datasheet
204Kb / 3P
AC - D C I T E & M e d i c a l P o w e r M o d u l e
MTC30-15S ARCH-MTC30-15S Datasheet
189Kb / 3P
Switching Power Module for PCB Mountable
More results

Similar Description - MTC30

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQC125 ARCH-AQC125 Datasheet
202Kb / 4P
Switching Power Module for PCB Mountable
AZC ARCH-AZC Datasheet
203Kb / 2P
Switching Power Module for PCB Mountable
ABR300 ARCH-ABR300 Datasheet
253Kb / 3P
Switching Power Module for PCB Mountable
ANCA-E1 ARCH-ANCA-E1_16 Datasheet
254Kb / 3P
Switching Power Module for PCB Mountable
APCN ARCH-APCN_16 Datasheet
152Kb / 4P
Switching Power Module for PCB Mountable
AEC60_SERIES ARCH-AEC60_SERIES Datasheet
274Kb / 2P
Switching Power Module for PCB Mountable
AHC_SERIES ARCH-AHC_SERIES Datasheet
491Kb / 5P
Switching Power Module for PCB Mountable
ALC_SERIES ARCH-ALC_SERIES Datasheet
204Kb / 3P
Switching Power Module for PCB Mountable
ANCA-E1_SERIES ARCH-ANCA-E1_SERIES Datasheet
387Kb / 5P
Switching Power Module for PCB Mountable
AFC20N ARCH-AFC20N_17 Datasheet
229Kb / 2P
Switching Power Module for PCB Mountable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com