Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QLF60 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # QLF60
Description  IP66/67 Design for Indoor or LED Outdoor Installations
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

QLF60 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  QLF60 Datasheet HTML 1Page - Arch Electronics Corp. QLF60 Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : A_5
update : 2015.05.15
LED Power
QLF60 SERIES
60 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
QLF60-24S
QLF60-36S
QLF60-48S
QLF60-54S
Max output wattage
( W )
60W
Voltage
(Note2)
90-295 VAC
Frequency (Hz)
50 / 60 Hz
Power factor
PF>0.9 at Full load (115 VAC / 230 VAC)
Current (Full load)
0.8A (115 VAC) / 0.4A (230 VAC)
Inrush current
(at 230 VAC)
45 A max.
Input
Leakage Current
< 0.7 mA max at 240 VAC
Voltage (V.DC.)
24V
36V
48V
54V
Voltage ADJ Range Setup
(CV Mode)
22 ~ 26.5V
33 ~ 39.5V
44 ~ 51.5V
49 ~ 55V
Constant Current Operation Voltage (max)
(CC Mode)
(Note3)
15.6~ 24
VDC
23.4~36
VDC
36~48
VDC
35.1~54
VDC
Voltage Tolerance
±10%
Preset Current (mA)
(at IP66)
(CC Mode)
(at 230 VAC)
2450
1750
1050
1050
Current Adjustment Range (mA)
(CC Mode)
2000~2500
1350~1750
1000~1300
900~1150
Preset Current (mA)
(at IP67)
(CC Mode) (fixed) (Note4)
(at 230 VAC)
2450 (2000~2500)
1750 (1350~1750)
1250 (1000~1300)
1050 (900~1150)
Minimum Load (mA)
2000
1350
1000
900
Line Regulation (typ.)
(110-240 VAC)
±4%
Load Regulation (Min-Max) (typ.)
±5%
Ripple & Noise (typ.) (Note1)
2.7Vp-p
5Vp-p
Output
Efficiency (at 230VAC / Full Load)(typ)
89%
Over current protection
Auto recovery
Over voltage protection
Zener diode clamp
Protection
Short circuit protection
Auto recovery
Input-Output (V.AC)
3750V
Input-FG
(V.AC)
1880V
Isolation
Output-FG
.(V.AC)
500V
Operating temperature
-30°C…+70°C (with derating)
Storage temperature
-40°C…+85°C
Temperature coefficient
0.02%/°C
Humidity
95% RH
Environment
MTBF
>450,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
4.72 x 2.36 x 1.38 Inches
( 120.0 x 60.0 x 35.0 mm ) Tolerance
2mm
Weight
600 g
Physical
Cooling method
Free air convection
Safety
Agency Approvals
UL8750、IEC / EN 61347-2-13、 IEC / EN 61347-1
EMI
(Conducted & Radiated Emission)
EN 55015
EMS (Noise Immunity)
EN 61547
Harmonic Current
EN 61000-3-2(at Full Load)、EN 61000-3-3
EMC
Surge
2KV L-N, 4KV L N-FG
KEY FEATURES
 IP66/67 Design for Indoor or LED Outdoor Installations
 With Constant Current & Constant Voltage (C.C+C.V mode)
 With P.F.C. Function, PF>0.9
 High Efficiency up to 90%
 Free Air Convection
 Protections: Over Load / Over Voltage / Short Circuit
 High Reliability & Double Layered PCB
 Suitable for LED lighting and moving sign applications
 Ultra Compact Size: 4.72 x 2.36 x 1.38 Inches
 3-Year Product Warranty


Similar Part No. - QLF60

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
QLF60-24S ARCH-QLF60-24S Datasheet
225Kb / 2P
LED Power
QLF60-36S ARCH-QLF60-36S Datasheet
225Kb / 2P
LED Power
QLF60-48S ARCH-QLF60-48S Datasheet
225Kb / 2P
LED Power
QLF60-54S ARCH-QLF60-54S Datasheet
225Kb / 2P
LED Power
QLF60 ARCH-QLF60_16 Datasheet
225Kb / 2P
LED Power
More results

Similar Description - QLF60

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT1455M SHARP-LT1455M Datasheet
215Kb / 2P
Dot Matrix LED Unit for Indoor/Outdoor Use(Lamp Type)
logo
List of Unclassifed Man...
701912-C1I75 ETC2-701912-C1I75 Datasheet
772Kb / 2P
LED lighting for Indoor & Outdoor
701912-C1I75 ETC2-701912-C1I75 Datasheet
772Kb / 2P
LED lighting for Indoor & Outdoor
logo
Arch Electronics Corp.
ALF240_SERIES ARCH-ALF240_SERIES Datasheet
252Kb / 2P
IP65 Design for Indoor or Outdoor LED Installations
logo
Taoglas antenna solutio...
FW.24.SMA.M TAOGLAS-FW.24.SMA.M Datasheet
984Kb / 12P
Rugged Design for Outdoor Use
FW.86.B.NTY.M TAOGLAS-FW.86.B.NTY.M Datasheet
833Kb / 11P
Rugged Design for Outdoor Use
logo
PHOENIX CONTACT
2230001 PHOENIX-2230001 Datasheet
58Kb / 2P
Suitable for outdoor/indoor applications
2230002 PHOENIX-2230002 Datasheet
58Kb / 2P
Suitable for outdoor/indoor applications
2230005 PHOENIX-2230005 Datasheet
58Kb / 2P
Suitable for outdoor/indoor applications
2230009 PHOENIX-2230009 Datasheet
57Kb / 2P
Suitable for outdoor/indoor applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com