Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLL Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # SLL
Description  Load Life : 85C 2000 hours
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SLL Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  SLL Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SLL Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SLL Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SLL Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. 7b
Surface Mount Aluminum
Electrolytic Capacitors
MERITEK
SLL Series
(Low Leakage, 85°C)
RoHS
DIMENSIONS (mm)
Φ D
L
A
H
I
W
P
K
Φ 4.0
5.4
4.3
5.5MAX
1.8
0.65±0.1
1.0
0.35
+0.15
-0.20
Φ 5.0
5.4
5.3
6.5MAX
2.2
0.65±0.1
1.5
0.35
+0.15
-0.20
Φ 6.3
5.4
6.6
7.8MAX
2.6
0.65±0.1
2.1
0.35
+0.15
-0.20
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(µF)
V
6.3
10
16
25
35
50
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
0.1
0R1
4x5.4
1.0
0.22
R22
4x5.4
2.3
0.33
R33
4x5.4
3.5
0.47
R47
4x5.4
5
1.0
010
4x5.4
10
2.2
2R2
4x5.4
15
3.3
3R3
4x5.4
18
4.7
4R7
4x5.4
19
4x5.4
20
5x5.4
23
10
100
4x5.4
25
5x5.4
28
5x5.4
30
6.3x5.4
34
22
220
4x5.4
31
5x5.4
35
5x5.4
39
6.3x5.4
52
6.3x5.4
54
33
330
5x5.4
39
5x5.4
43
6.3x5.4
57
6.3x5.4
63
47
470
5x5.4
47
6.3x5.4
59
6.3x5.4
68
100
101
6.3x5.4
71
6.3x5.4
76
Case size
: D x L
(mm)
Max ripple current
: mA(rms)
85°C
120Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com